Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 17 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 17 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 13Page - Texas Instruments DIX4192IPFB Datasheet HTML 14Page - Texas Instruments DIX4192IPFB Datasheet HTML 15Page - Texas Instruments DIX4192IPFB Datasheet HTML 16Page - Texas Instruments DIX4192IPFB Datasheet HTML 17Page - Texas Instruments DIX4192IPFB Datasheet HTML 18Page - Texas Instruments DIX4192IPFB Datasheet HTML 19Page - Texas Instruments DIX4192IPFB Datasheet HTML 20Page - Texas Instruments DIX4192IPFB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Precedingstate:
0
1
Preamble:
Channelcoding:
Channelcoding:
Description:
X
111 00
0
10
000 11
1
01
Channel
su
1
bframe
Y
111 01
0
00
000 10
1
11
Channel
su
2
bframe
Z
111 10
0
00
000 01
1
11
Channel1subframe andblockstart
Cl ck
o
(2xSourceBi
ate
tR
)
SourceDataCoding
(NR )
Z
AES3ChannelCoding
(BiphaseMark)
InsertPreamble
Code Below
Precedingstate,fr
ofthepreviousframe
omtheParitybit
.
PreambleZ(BlockStart)
PreambleCoding
0
0
1
1
17
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
The binary non-return to zero (NRZ) formatted audio and status source data for bits 4 through 31 of each
subframe are encoded using a Biphase Mark format for transmission. This format allows for clock recovery at the
receiver end, as well as making the interface insensitive to the polarity of the balanced cable connections. The
preambles at the start of each subframe are encoded to intentionally violate the Biphase Mark formatting, making
their detection by the receiver reliable, as well as avoiding the possibility of audio and status data imitating the
preambles. Figure 10 shows the Biphase Mark and preamble encoding.
Although the AES3 standard originally defined transmission for sampling rates up to 48 kHz, the interface is
capable of handling higher sampling rates, given that attention is paid to cable length and impedance matching.
Equalization at the receiver may also be required, depending on the cable and matching factors. It is also
possible to transmit and decode more than two channels of audio data using the AES3 or related consumer
interfaces. Special encoding and compression algorithms are used to support multiple channels, including the
Dolby® AC-3, DTS, MPEG-1/2, and other data reduced audio formats.
Figure 10. Biphase Mark Encoding
9.3.5 Digital Interface Transmitter (DIT) Operation
The DIT encodes a given two-channel or data-reduced audio input stream into an AES3-encoded output stream.
In addition to the encoding function, the DIT includes differential line driver and CMOS-buffered output functions.
The line driver is suitable for driving balanced or unbalanced line interfaces, while the CMOS-buffered output is
designed to drive external logic or line drivers, as well as optical transmitter modules. Figure 11 shows the
functional block diagram for the DIT.
The input of the DIT receives the audio data for Channels 1 and 2 from one of three possible sources: Port A,
Port B, or the DIR. By default Port A is selected as the source. The DIT also requires a master clock source,
which may be provided by either the MCLK input (pin 25) or RXCKO (the DIR recovered master clock output). A
master clock divider is used to select the frame rate for the AES3-encoded output data. The TXDIV[1:0] bits in
control register 0x07 are used to select divide by 128, 256, 384, or 512 operation.
Channel status and user data for Channels 1 and 2 are input to the AES3 encoder through the corresponding
Transmitter Access (TA) data buffers. The TA data buffers are in turn loaded from the User Access (UA) buffers,
which are programmed through the SPI or I2C host interface, or loaded from the DIR Receiver Access (RA) data
buffers. The source of the channel status and user data is selected using the TXCUS[1:0] bits in control register
0x09. When the DIR is selected as the input source, the channel status and user data output from the DIT is
delayed by one block in relation to the audio data.
The validity (V) bit may be programmed using one of two sources. The VALSEL bit in control register 0x09 is
used to select the validity data source for the DIT block. The default source is the VALID bit in control register
0x07, which is written through the SPI or I2C host interface. The validity bit may also be transferred from the
AES3 decoder output of the DIR, where the V bit for the DIT subframes tracks the decoded DIR value frame by
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com