Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 24 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 24 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 20Page - Texas Instruments DIX4192IPFB Datasheet HTML 21Page - Texas Instruments DIX4192IPFB Datasheet HTML 22Page - Texas Instruments DIX4192IPFB Datasheet HTML 23Page - Texas Instruments DIX4192IPFB Datasheet HTML 24Page - Texas Instruments DIX4192IPFB Datasheet HTML 25Page - Texas Instruments DIX4192IPFB Datasheet HTML 26Page - Texas Instruments DIX4192IPFB Datasheet HTML 27Page - Texas Instruments DIX4192IPFB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
A6
A5
A4
A3
A2
A1
A0
1
1
1
0
0
A1
A0
R/W
Se
y
t b Pin 9
1
Se
y
t b Pin 1
2
MSB
LSB
Fir t
s Byte After
o
it
the
R
STA T/RESTART C
o
nd i n
Slave Address
A6
A5
A4
A3
A2
A1
A0
INC
MSB
LSB
(a)DIX419
lave
2 S
Address
(b)Regist rAddre
e
ssByte
Auto-In
e
crem nt
0=Disabled
1=Enabled
24
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.2 Host Interface Operation: PHILIPS I2C Mode
The DIX4192 supports a 2-wire Philips I2C bus interface when CPM (pin 18) is forced high or pulled up to the
VIO supply rail. The DIX4192 functions as a Slave-only device on the bus. Standard and Fast modes of
operation are supported. Standard mode supports data rates up to 100 kbps, while Fast mode supports data
rates up to 400 kbps. Fast mode is downward compatible with Standard mode, and these modes are sometimes
referred to as Fast/Standard, or F/S mode. The I2C Bus Specification (Version 2.1, January 2000), available from
Philips Semiconductor, provides the details for the bus protocol and implementation. It is assumed that the
reader is familiar with this specification. Refer to the I2C Standard and Fast Modes section of the Electrical
Characteristics table and Figure 3 for specifications and a timing diagram that highlight the key parameters for
I2C interface operation.
When the I2C mode is invoked, pin 20 becomes SCL (which serves as the bus clock) and pin 22 becomes SDA
(which carries the bi-directional serial data for the bus). Pins 19 and 21 become A0 and A1, respectively, and
function as the hardware configurable portion of the 7-bit slave address.
The DIX4192 uses a 7-bit Slave address; see Figure 20(a). Bits A2 through A6 are fixed and bits A0 and A1 are
hardware programmable using pins 19 and 21, respectively. The programmable bits allow for up to four DIX4192
devices to be connected to the same bus. The slave address is followed by the Register Address Byte, which
points to a specific register or data buffer location in the DIX4192 register map. The register address byte is
comprised of seven bits for the address, and one bit for enabling or disabling auto-increment operation; see
Figure 20(b). Auto-increment mode allows multiple sequential register locations to be written to or read back in a
single operation, and is especially useful for block write and read operations.
Figure 21 shows the protocol for Standard and Fast mode Write operations. When writing a single register
address, or multiple non-sequential register addresses, the single register write operation of Figure 21(a) may be
used one or more times. When writing multiple sequential register addresses, the auto-increment mode of
Figure 21(b) improves efficiency. The register address is automatically incremented by one for each successive
byte of data transferred.
Figure 22 shows the protocol for Standard and Fast mode Read operations. The current address read operation
of Figure 22(a) assumes the value of the register address from the previously executed write or read operation,
and is useful for polling a register address for status changes. Figure 22(b) and Figure 22(c) show read
operations for one or more random register addresses, with or without auto-increment mode enabled.
Figure 20. DIX4192 Slave Address and Register Address Byte Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com