Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 22 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 18Page - Texas Instruments DIX4192IPFB Datasheet HTML 19Page - Texas Instruments DIX4192IPFB Datasheet HTML 20Page - Texas Instruments DIX4192IPFB Datasheet HTML 21Page - Texas Instruments DIX4192IPFB Datasheet HTML 22Page - Texas Instruments DIX4192IPFB Datasheet HTML 23Page - Texas Instruments DIX4192IPFB Datasheet HTML 24Page - Texas Instruments DIX4192IPFB Datasheet HTML 25Page - Texas Instruments DIX4192IPFB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
VIO
10kW
Tothe
outputsf
INT
or
additionalDIX4192 devices
Interrupt
Logic
DIX4192
MCU,DSP,
orLogic
INT 23
Interrupt
Input
22
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.7 General-Purpose Digital Outputs
The DIX4192 includes four general-purpose digital outputs, GPO1 through GPO4 (pins 26 through 29,
respectively). A GPO pin may be programmed to a static high or low state. Alternatively, a GPO pin may be
connected to one of 13 internal logic nodes, allowing the GPO pin to inherit the function of the selected signal.
Control registers 0x1B through 0x1E are used to select the function of the GPO pins. For details regarding GPO
output configuration, refer to Control Registers. Table 1 summarizes the available output options for the GPO
pins.
Table 1. General-Purpose Output Pin Configurations
GPOn3
GPOn2
GPOn1
GPOn0
GPOn FUNCTION
0
0
0
0
GPOn is forced low (default)
0
0
0
1
GPOn is forced high
0
0
1
0
Reserved
0
0
1
1
DIT interrupt flag; active low
0
1
0
0
DIR interrupt flag; active low
0
1
0
1
DIR 50/15-μs emphasis flag; active low
0
1
1
0
DIR non-audio data flag; active high
0
1
1
1
DIR non-valid data flag; active high
1
0
0
0
DIR channel status data serial output
1
0
0
1
DIR user data serial output
1
0
1
0
DIR block start clock output
1
0
1
1
DIR COPY bit output
(0 = copyright asserted, 1 = copyright not asserted)
1
1
0
0
DIR L (or origination) bit output
(0 = 1st generation or higher, 1 = original)
1
1
0
1
DIR Parity error flag; active high
1
1
1
0
DIR internal sync clock output; may be used as the data clock for the channel
status and user data serial outputs.
1
1
1
1
DIT internal sync clock
9.3.8 Interrupt Output
The DIX4192 includes multiple internal status bits, many of which may be set to trigger an interrupt signal. The
interrupt signal is output at INT (pin 23), which is an active low, open-drain output. The INT pin requires a pullup
resistor to the VIO supply rail. The value of the pullup is not critical, but a 10-k
Ω device must be sufficient for
most applications. Figure 18 shows the interrupt output pin connection. The open-drain output allows interrupt
pins from multiple DIX4192 devices to be connected in a wired OR configuration.
Figure 18. Interrupt Output Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com