Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 42 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 42 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 38Page - Texas Instruments DIX4192IPFB Datasheet HTML 39Page - Texas Instruments DIX4192IPFB Datasheet HTML 40Page - Texas Instruments DIX4192IPFB Datasheet HTML 41Page - Texas Instruments DIX4192IPFB Datasheet HTML 42Page - Texas Instruments DIX4192IPFB Datasheet HTML 43Page - Texas Instruments DIX4192IPFB Datasheet HTML 44Page - Texas Instruments DIX4192IPFB Datasheet HTML 45Page - Texas Instruments DIX4192IPFB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
42
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Figure 50. Register 1B: General-Purpose Output 1 (GPO1) Control Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
GPO13
GPO12
GPO11
GPO10
Table 29. Register 1B: General-Purpose Output 1 (GPO1) Control Register Field Descriptions
GPO[13:10]
General-Purpose Output 1 (GPO1) Configuration
These bits are used to set the state or data source for the general-purpose digital output pin GPO1.
GPO13
GPO12
GPO11
GPO10
GPO1 Function
0
0
0
0
GPO1 is forced low (default)
0
0
0
1
GPO1 is forced high
0
0
1
0
Reserved
0
0
1
1
Transmitter interrupt, active low
0
1
0
0
Receiver interrupt, active low
0
1
0
1
Receiver 50/15-μs pre-emphasis, active low
0
1
1
0
Receiver non-audio data, active high
0
1
1
1
Receiver non-valid data, active high
1
0
0
0
Receiver channel status bit
1
0
0
1
Receiver user data bit
1
0
1
0
Receiver block start clock
1
0
1
1
Receiver COPY bit
(0 = copyright asserted, 1 = copyright not asserted)
1
1
0
0
Receiver L-bit
(0 = first generation or higher, 1 = original)
1
1
0
1
Receiver parity error, active high
1
1
1
0
Receiver internal sync clock
1
1
1
1
Transmitter internal sync clock
Figure 51. Register 1C: General-Purpose Output 2 (GPO2) Control Register
7 (MSB)
6
5
4
3
2
1
0 (LSB)
0
0
0
0
GPO23
GPO22
GPO21
GPO20
Table 30. Register 1C: General-Purpose Output 2 (GPO2) Control Register Field Descriptions
GPO[23:20]
General-Purpose Output 2 (GPO2) Configuration
These bits are used to set the state or data source for the general-purpose digital output pin GPO2.
GPO23
GPO22
GPO21
GPO20
GPO2 Function
0
0
0
0
GPO2 is forced low (default)
0
0
0
1
GPO2 is forced high
0
0
1
0
Reserved
0
0
1
1
Transmitter interrupt, active low
0
1
0
0
Receiver interrupt, active low
0
1
0
1
Receiver 50/15-μs pre-emphasis, active low
0
1
1
0
Receiver non-audio data, active high
0
1
1
1
Receiver non-valid data, active high
1
0
0
0
Receiver channel status bit
1
0
0
1
Receiver user data bit
1
0
1
0
Receiver block start clock
1
0
1
1
Receiver COPY bit
(0 = copyright asserted, 1 = copyright not asserted)
1
1
0
0
Receiver L-bit
(0 = first generation or higher, 1 = original)
1
1
0
1
Receiver parity error, active high
1
1
1
0
Receiver internal sync clock
1
1
1
1
Transmitter internal sync clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com