Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 60 Page - Texas Instruments

Part # DIX4192IPFB
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 60 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 56Page - Texas Instruments DIX4192IPFB Datasheet HTML 57Page - Texas Instruments DIX4192IPFB Datasheet HTML 58Page - Texas Instruments DIX4192IPFB Datasheet HTML 59Page - Texas Instruments DIX4192IPFB Datasheet HTML 60Page - Texas Instruments DIX4192IPFB Datasheet HTML 61Page - Texas Instruments DIX4192IPFB Datasheet HTML 62Page - Texas Instruments DIX4192IPFB Datasheet HTML 63Page - Texas Instruments DIX4192IPFB Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
10 F
0.1 F
Top Layer Ground Pour and
PowerPad
Top Layer Signal Traces
Pad to top layer ground
pour
It is recommended to place a top layer ground
pour for shielding around PCM9211 and
connect to lower main PCB ground plane by
multiple vias
DIX4192
Series resistors
between 50 -100 Q }v
PCM ports can reduce
reflections if necessary
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
+1.
8V
0.1 F
10 µF
VIO
+3.
3V
0.1 F
10 F
0.1 F
SYNC
BLS
AESO
UT
VDD3
3
TX+
TX-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
RX1+
RX1-
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
VCC
AGND
LOCK
RXCKO
Port B PCM
Input and Output
Differential
Line Inputs
Control Interface
GPO to
Host
10 F
+3.
3V
Port A PCM
Input and Output
VIO
INT pin must be pulled
up to VIO through 10k
Q Œ •]•š}Œ
10
N Ÿ
60
DIX4192
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
12 Layout
12.1 Layout Guidelines
TI recommends to use one ground plane for the DIX4192. While using one ground plane, it is best to ensure that
analog and digital circuitry be sufficiently partitioned on the PCB so that analog and digital return currents do not
cross.
•
Decoupling capacitors must be placed as close to power pins as possible (VCC, VDD33, VDD18, VIO).
•
Further guidelines can be found in Layout Example.
12.2 Layout Example
Figure 85. DIX4192 Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com