Electronic Components Datasheet Search
  English  ▼

X  

INA129SJD Datasheet(PDF) 3 Page - Texas Instruments

Part # INA129SJD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129SJD Datasheet(HTML) 3 Page - Texas Instruments

  INA129SJD Datasheet HTML 1Page - Texas Instruments INA129SJD Datasheet HTML 2Page - Texas Instruments INA129SJD Datasheet HTML 3Page - Texas Instruments INA129SJD Datasheet HTML 4Page - Texas Instruments INA129SJD Datasheet HTML 5Page - Texas Instruments INA129SJD Datasheet HTML 6Page - Texas Instruments INA129SJD Datasheet HTML 7Page - Texas Instruments INA129SJD Datasheet HTML 8Page - Texas Instruments INA129SJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
a
b
c
d
Origin
8
5
4
1
HKQ as formed or HKJ mounted dead bug
R
G
V-
IN
V+
IN
V-
V+
V
O
Ref
R
G
R
V-
G
IN
V+
IN
V-
V+
V
O
Ref
1
2
3
4
8
7
6
5
R
G
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
6 Pin Configuration and Functions
D, HKJ, or JDJ Package
HKQ Package
8-Pin SOIC, CFP, or CDIP SB
8-Pin CFP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Ref
5
I
Output voltage reference
RG
1, 8
O
Gain resistor connection
V+
7
Power
Positive power supply voltage from 2.25 V to 18 V
V–
4
Power
Negative power supply voltage from –2.25 V to –18 V
V+IN
3
I
Non-inverting input voltage
V–IN
2
I
Inverting input voltage
VO
6
O
Output voltage
Bare Die Information
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com