Electronic Components Datasheet Search
  English  ▼

X  

INA129SJD Datasheet(PDF) 14 Page - Texas Instruments

Part # INA129SJD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129SJD Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA129SJD Datasheet HTML 10Page - Texas Instruments INA129SJD Datasheet HTML 11Page - Texas Instruments INA129SJD Datasheet HTML 12Page - Texas Instruments INA129SJD Datasheet HTML 13Page - Texas Instruments INA129SJD Datasheet HTML 14Page - Texas Instruments INA129SJD Datasheet HTML 15Page - Texas Instruments INA129SJD Datasheet HTML 16Page - Texas Instruments INA129SJD Datasheet HTML 17Page - Texas Instruments INA129SJD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
-
25 kW
(1)
25 kW
(1)
NOTE: (1) INA129: 24.7 kW
G = 1 +
50 kW
R
G
INA128:
INA129:
INA128-HT, INA129-HT
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The INA12x instrumentation amplifier is a type of differential amplifier that has been outfitted with input protection
circuit and input buffer amplifiers, which eliminate the need for input impedance matching and make the amplifier
particularly suitable for use in measurement and test equipment. Additional characteristics of the INA12x include
a very low DC offset, low drift, low noise, very high open-loop gain, very high common-mode rejection ratio, and
very high input impedances. The INA12x is used where great accuracy and stability of the circuit both short and
long term are required.
8.2 Functional Block Diagram
8.3 Feature Description
The INA128-HT and INA129-HT are low power, general-purpose instrumentation amplifiers offering excellent
accuracy. The versatile three-operational-amplifier design and small size make the amplifiers ideal for a wide
range of applications. Current-feedback input circuitry provides wide bandwidth, even at high gain. A single
external resistor sets any gain from 1 to 10,000. The INA128-HT and INA129-HT are laser trimmed for very low
offset voltage (25
μV typical) and high common-mode rejection (93 dB at G ≥ 100). These devices operate with
power supplies as low as ±2.25 V, and quiescent current of 2 mA, typically. The internal input protection can
withstand up to ±40 V without damage.
14
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com