Electronic Components Datasheet Search
  English  ▼

X  

INA129SJD Datasheet(PDF) 12 Page - Texas Instruments

Part # INA129SJD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129SJD Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA129SJD Datasheet HTML 8Page - Texas Instruments INA129SJD Datasheet HTML 9Page - Texas Instruments INA129SJD Datasheet HTML 10Page - Texas Instruments INA129SJD Datasheet HTML 11Page - Texas Instruments INA129SJD Datasheet HTML 12Page - Texas Instruments INA129SJD Datasheet HTML 13Page - Texas Instruments INA129SJD Datasheet HTML 14Page - Texas Instruments INA129SJD Datasheet HTML 15Page - Texas Instruments INA129SJD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
-2
3
8
13
18
23
28
33
-50
-25
0
25
50
75
100
125
150
190
210
Temperature (°C)
I
OS
I
B
10
8
6
4
2
0
0
100
200
300
400
500
-2
-4
-6
-8
-10
Time (ms)
5
4
3
2
1
0
Input Voltage (V)
G = 1 V / V
G = 1V / V
G = 1000V/V
G = 1000V/V
VIN
IIN
+15V
Flat region represents
normal linear operation.
1
2
3
4
5
-50
15V
-40
-30
-20
-10
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
-55
-25
0
25
50
75
100
125
155
190
210
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Slew Rate
IQ
Gain (V/V)
100
10
1
0.01%
0.1%
1
10
100
1000
Frequency (Hz)
1
10
100
1k
100
10
1
10k
G = 1V / V
G =10V/V
100
10
1
0.1
Current Noise
G =100, 1000V/V
1k
INA128-HT, INA129-HT
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 8. Input-Referred Noise vs Frequency
Figure 9. Settling Time vs Gain
Figure 10. Quiescent Current and Slew Rate vs Temperature
Figure 11. Input Overvoltage Voltage-to-Current
Characteristics
Figure 12. Input Offset Voltage Warm-Up
Figure 13. Input Bias Current vs Temperature
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com