Electronic Components Datasheet Search
  English  ▼

X  

INA129SJD Datasheet(PDF) 11 Page - Texas Instruments

Part # INA129SJD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129SJD Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA129SJD Datasheet HTML 7Page - Texas Instruments INA129SJD Datasheet HTML 8Page - Texas Instruments INA129SJD Datasheet HTML 9Page - Texas Instruments INA129SJD Datasheet HTML 10Page - Texas Instruments INA129SJD Datasheet HTML 11Page - Texas Instruments INA129SJD Datasheet HTML 12Page - Texas Instruments INA129SJD Datasheet HTML 13Page - Texas Instruments INA129SJD Datasheet HTML 14Page - Texas Instruments INA129SJD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Output Voltage (V)
0
15
10
5
0
10
G=1
G = 1
G ≥ 10
G ≥ 10
VD/2
+
+
VCM
V
V
O
D/2
Ref
-15V
+15V
-10
-15
5
10
15
-5
5
15
Output Voltage (V)
5
4
3
2
1
0
0
G=1
G=1
G ≥ 10
G ≥ 10
G ≥ 10
G=1
1
2
3
4
5
-1
-2
-3
-4
-5
VS = ±2.5V
VS = ±5V
1
2
3
4
5
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G =1000V/V
G=1V/V
G= 10V/V
100k
100
1k
10k
1M
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G = 1000V/V
G=1V/V
G=10V/V
Frequency (Hz)
10
140
120
100
80
60
40
20
0
100k
G =1V/V
G =10V/V
G =100V/V
G =1000V/V
100
1k
10k
1M
−
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
G = 100V/V
G = 10 V/V
G = 1V/V
G = 1000V/V
−
10k
100k
1M
10M
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
7.7 Typical Characteristics
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 2. Gain vs Frequency
Figure 3. Common-Mode Rejection vs Frequency
Figure 4. Positive Power-Supply Rejection vs Frequency
Figure 5. Negative Power-Supply Rejection vs Frequency
VS = ±5 V, ±2.5 V
VS = ±15 V
Figure 7. Input Common-Mode Range vs Output Voltage
Figure 6. Input Common-Mode Range vs Output Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com