Electronic Components Datasheet Search
  English  ▼

X  

INA129SJD Datasheet(PDF) 1 Page - Texas Instruments

Part # INA129SJD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129SJD Datasheet(HTML) 1 Page - Texas Instruments

  INA129SJD Datasheet HTML 1Page - Texas Instruments INA129SJD Datasheet HTML 2Page - Texas Instruments INA129SJD Datasheet HTML 3Page - Texas Instruments INA129SJD Datasheet HTML 4Page - Texas Instruments INA129SJD Datasheet HTML 5Page - Texas Instruments INA129SJD Datasheet HTML 6Page - Texas Instruments INA129SJD Datasheet HTML 7Page - Texas Instruments INA129SJD Datasheet HTML 8Page - Texas Instruments INA129SJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
-
25 kW
(1)
25 kW
(1)
NOTE: (1) INA129: 24.7 kW
G = 1 +
50 kW
R
G
INA128:
INA129:
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA128-HT, INA129-HT
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
1 Features
3 Description
The INA128-HT and INA129-HT are low-power,
1
•
Low Offset Voltage: 25 uV Typical
general-purpose instrumentation amplifiers offering
•
Low Input Bias Current: 50 nA Typical (1)
excellent accuracy. The versatile three-operational-
•
High CMR: 95 dB Typical(1)
amplifier design and small size make them ideal for a
wide range of applications. Current-feedback input
•
Inputs Protected to ±40 V
circuitry provides wide bandwidth even at high gain. A
•
Wide Supply Range: ±2.25 V to ±18 V
single external resistor sets any gain from 1 to 10000.
•
Low Quiescent Current: 2 mA Typical(1)
The INA128-HT provides an industry-standard gain
equation; the INA129-HT gain equation is compatible
2 Applications
with the AD620.
•
Bridge Amplifiers
The INA128-HT and INA129-HT are laser trimmed for
very low offset voltage (25
μV Typ) and high
•
Thermocouple Amplifiers
common-mode rejection (93 dB at G
≥ 100). These
•
RTD Sensor Amplifiers
devices operate with power supplies as low as ±2.25
•
Medical Instrumentation
V, and quiescent current of 2 mA, typically. Internal
•
Data Acquisition
input protection can withstand up to ±40 V without
damage.
•
Supports Extreme Temperature Applications:
Texas Instruments' high-temperature products use
–
Controlled Baseline
highly optimized silicon (die) solutions with design
–
One Assembly/Test Site
and process enhancements to maximize performance
–
One Fabrication Site
over extended temperatures.
–
Available in Extreme Temperature Ranges
The INA129-HT is available in 8-pin ceramic DIP and
(–55°C to 210°C) (2)
8-pin ceramic surface-mount packages, specified for
–
Extended Product Life Cycle
the –55°C to 210°C temperature range. The INA128-
HT is available in an 8-pin SOIC-8 surface-mount
–
Extended Product-Change Notification
package,
specified
for
the
–55°C
to
175°C
–
Product Traceability
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA128-HT
SOIC (8)
4.90 mm × 3.91 mm
CFP (8)
6.90 mm × 5.65 mm
INA129-HT
CDIP SB (8)
11.81 mm × 7.49 mm
(1) For all available packages, see the orderable addendum at
(1)
Typical values for 210°C application.
the end of the data sheet.
(2)
Custom temperature ranges available.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA129SJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129SJD TI1-INA129SJD Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129SJD TI1-INA129SJD Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
More results

Similar Description - INA129SJD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com