Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4132
Description  LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4132 Datasheet(HTML) 2 Page - Texas Instruments

  LM4132 Datasheet HTML 1Page - Texas Instruments LM4132 Datasheet HTML 2Page - Texas Instruments LM4132 Datasheet HTML 3Page - Texas Instruments LM4132 Datasheet HTML 4Page - Texas Instruments LM4132 Datasheet HTML 5Page - Texas Instruments LM4132 Datasheet HTML 6Page - Texas Instruments LM4132 Datasheet HTML 7Page - Texas Instruments LM4132 Datasheet HTML 8Page - Texas Instruments LM4132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
LM4132, LM4132-Q1
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics LM4132-1.8
(VOUT = 1.8 V) ............................................................ 5
6.6
Electrical Characteristics LM4132-2
(VOUT = 2.048 V) ........................................................ 6
6.7
Electrical Characteristics LM4132-2.5
(VOUT = 2.5 V) ............................................................ 7
6.8
Electrical Characteristics LM4132-3 (VOUT = 3 V) .... 8
6.9
Electrical Characteristics LM4132-3.3
(VOUT = 3.3 V) ............................................................ 9
6.10
Electrical Characteristics LM4132-3.3-
Q1(VOUT = 3.3 V) ..................................................... 10
6.11
Electrical Characteristics LM4132-4.1
(VOUT = 4.096 V) ...................................................... 11
6.12
Typical Characteristics .......................................... 12
7
Detailed Description ............................................ 20
7.1
Overview ................................................................. 20
7.2
Functional Block Diagram ....................................... 20
7.3
Feature Description................................................. 20
7.4
Device Functional Modes........................................ 21
8
Applications and Implementation ...................... 22
8.1
Application Information............................................ 22
8.2
Typical Applications ................................................ 22
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Related Links ........................................................ 27
11.3
Receiving Notification of Documentation Updates 27
11.4
Community Resources.......................................... 27
11.5
Trademarks ........................................................... 27
11.6
Electrostatic Discharge Caution ............................ 27
11.7
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (March 2016) to Revision G
Page
•
Updated data sheet text to the latest TI documentation and translations standards ............................................................. 1
•
Added LM4132-3.3-Q1 to maximum load current in Recommended Operating Conditions ................................................. 4
•
Added Electrical Characteristics LM4132-3.3-Q1 table........................................................................................................ 10
Changes from Revision E (January 2016) to Revision F
Page
•
Added correct Layout Example ............................................................................................................................................ 26
Changes from Revision D (March 2015) to Revision E
Page
•
Added Device Information, ESD Ratings and Thermal Information tables, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ..... 1
Changes from Revision C (April 2013) to Revision D
Page
•
Added some of the latest inclusions from new TI formatting and made available of the automotive grade for the
SOT-23 package..................................................................................................................................................................... 1
Changes from Revision B (August 2005) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com