Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4132
Description  LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4132 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4132 Datasheet HTML 9Page - Texas Instruments LM4132 Datasheet HTML 10Page - Texas Instruments LM4132 Datasheet HTML 11Page - Texas Instruments LM4132 Datasheet HTML 12Page - Texas Instruments LM4132 Datasheet HTML 13Page - Texas Instruments LM4132 Datasheet HTML 14Page - Texas Instruments LM4132 Datasheet HTML 15Page - Texas Instruments LM4132 Datasheet HTML 16Page - Texas Instruments LM4132 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HYSTERESIS (ppm)
0
25
50
75 100 125 150 200
0
5
10
15
20
25
30
35
40
45
Temperature Range
-40
oC < T
J < 125
oC
after 8 thermal cycles
13
LM4132, LM4132-Q1
www.ti.com
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Typical Thermal Hysteresis
Figure 8. Turnon Transient Response
ILOAD = 0 to 10 mA
Figure 9. Load Transient Response
VIN = 4 V to 5.5 V
Figure 10. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com