Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4132
Description  LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4132 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4132 Datasheet HTML 8Page - Texas Instruments LM4132 Datasheet HTML 9Page - Texas Instruments LM4132 Datasheet HTML 10Page - Texas Instruments LM4132 Datasheet HTML 11Page - Texas Instruments LM4132 Datasheet HTML 12Page - Texas Instruments LM4132 Datasheet HTML 13Page - Texas Instruments LM4132 Datasheet HTML 14Page - Texas Instruments LM4132 Datasheet HTML 15Page - Texas Instruments LM4132 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
0 100 200 300 400 500 600 700 800 900 1000
150
TIME (Hours)
-200
200
-150
-100
-50
0
50
100
150
1 TYPICAL UNIT FROM EACH
VOLTAGE OPTION
0
5
10
15
20
LOAD CURRENT (mA)
60
65
70
75
80
85
55
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
2
2.5
3
3.5
4
4.5
5
VIN (V)
0
0.5
1
1.5
2
2.5
3
tVIHt
tVILt
0.5
1.5
2.5
3.5
4.5
5.5
0
20
40
60
80
100
INPUT VOLTAGE (V)
VREF = 2.048V
125
oC
25
oC
-40
oC
2.048V
4.096V
2
7
12
17
22
ILOAD (mA)
0
50
100
150
200
250
300
350
400
450
2.5V
12
LM4132, LM4132-Q1
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.12 Typical Characteristics
Figure 1. Dropout vs Load to 0.5% Accuracy
Figure 2. Supply Current vs Input Voltage
Figure 3. Enable Threshold Voltage and Hysteresis
Figure 4. Shutdown IQ vs Temperature
Figure 5. Typical Long-Term Stability
Figure 6. Ground Current vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com