Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4132
Description  LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4132 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4132 Datasheet HTML 17Page - Texas Instruments LM4132 Datasheet HTML 18Page - Texas Instruments LM4132 Datasheet HTML 19Page - Texas Instruments LM4132 Datasheet HTML 20Page - Texas Instruments LM4132 Datasheet HTML 21Page - Texas Instruments LM4132 Datasheet HTML 22Page - Texas Instruments LM4132 Datasheet HTML 23Page - Texas Instruments LM4132 Datasheet HTML 24Page - Texas Instruments LM4132 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
VHYS =
lVREF1 - VREF2l
VREF
x 10
6 ppm
-40
oC
VREF1
Time
VREF2
25
oC
125
oC
21
LM4132, LM4132-Q1
www.ti.com
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Thermal Hysteresis
Thermal hysteresis is defined as the change in output voltage at 25ºC after some deviation from 25ºC. This is to
say that thermal hysteresis is the difference in output voltage between two points in a given temperature profile.
An illustrative temperature profile is shown in Figure 47.
Figure 47. Temperature Profile
This may be expressed analytically by Equation 1:
where
•
VHYS = Thermal hysteresis expressed in ppm
•
VREF = Nominal preset output voltage
•
VREF1 = VREF before temperature fluctuation
•
VREF2 = VREF after temperature fluctuation
•
The LM4132 features a low thermal hysteresis of 75 ppm (typical) from –40°C to 125°C after 8 temperature
cycles.
(1)
7.4 Device Functional Modes
Table 1 describes the functional modes of the LM4132.
Table 1. Enable Pin Mode Summary
ENABLE PIN CONNECTION
LOGIC STATE
DESCRIPTION
EN = VIN
1
Normal operation — LM4132 starts up.
EN = GND
0
The LM4312 is in shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com