Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4132
Description  LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4132 Datasheet(HTML) 3 Page - Texas Instruments

  LM4132 Datasheet HTML 1Page - Texas Instruments LM4132 Datasheet HTML 2Page - Texas Instruments LM4132 Datasheet HTML 3Page - Texas Instruments LM4132 Datasheet HTML 4Page - Texas Instruments LM4132 Datasheet HTML 5Page - Texas Instruments LM4132 Datasheet HTML 6Page - Texas Instruments LM4132 Datasheet HTML 7Page - Texas Instruments LM4132 Datasheet HTML 8Page - Texas Instruments LM4132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
VIN
1
2
3
5
4
EN
GND
N/C
VREF
3
LM4132, LM4132-Q1
www.ti.com
SNVS372G – AUGUST 2005 – REVISED OCTOBER 2016
Product Folder Links: LM4132 LM4132-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
G: Ground; I: Input; P: Power
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
N/C
—
No connect pin, leave floating
2
GND
G
Ground
3
EN
I
Enable pin
4
VIN
P
Input supply
5
VREF
P
Reference output
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX
(maximum junction temperature), RθJA (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power
dissipation at any temperature is: PDissMAX = (TJMAX – TA) / RθJA up to the value listed in theAbsolute Maximum Ratings. RθJA for SOT-23
is 164.1°C/W, TJMAX = 125°C.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage
Maximum voltage on any input
–0.3
6
V
Output short-circuit duration
Indefinite
Power dissipation (TA = 25°C)
(3)
350
mW
Lead temperature (soldering, 10 sec)
260
°C
Vapor phase (60 sec)
215
°C
Infrared (15 sec)
220
°C
Storage temperature, Tstg
−65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com