Electronic Components Datasheet Search
  English  ▼

X  

LP3905 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments LP3905 Datasheet HTML 16Page - Texas Instruments LP3905 Datasheet HTML 17Page - Texas Instruments LP3905 Datasheet HTML 18Page - Texas Instruments LP3905 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
VPP-C =
4*f*C
IRIPPLE
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
DC/DC CONVERTOR OUTPUT CAPACITOR SELECTION
Use a 10µF, 6.3V ceramic capacitor. Use X7R or X5R types, do not use Y5V. DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes like 0805 and 0603. DC bias characteristics vary from
manufacturer to manufacturer and dc bias curves should be requested from them as part of the capacitor
selection process.
The output filter capacitor smooths out current flow from the inductor to the load, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
RESR and can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be expressed as follows:
(7)
Voltage peak-to-peak ripple due to ESR can be expressed as follows:
VPP-ESR = (2 * IRIPPLE) * RESR
Because these two components are out of phase the rms value can be used to get an approximate value of
peak-to-peak ripple.
Voltage peak-to-peak ripple, root mean squared can be expressed as follows:
(8)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
LINEAR REGULATORS
Capacitor Selection
The LP3955 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer: for capacitance values in the range of 0.47µF to 10µF range, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values (which makes them best for eliminating high frequency noise). The
ESR of a typical 1µF ceramic capacitor is in the range of 20mW to 40mW, which easily meets the ESR
requirement for stability by the LP3955. For both input and output capacitors careful interpretation of the
capacitor specification is required to ensure correct device operation. The capacitor value can change greatly
dependant on the conditions of operation and capacitor type.
In particular the output capacitor selection should take account of all the capacitor parameters to ensure that the
specification is met within the application. Capacitance value can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependant on the particular case size with smaller sizes giving poorer
performance figures in general. As an example Figure 11 shows a typical graph showing a comparison of
capacitor case sizes in a Capacitance vs. DC Bias plot. As shown in the graph, as a result of the DC Bias
condition the capacitance value may drop below the minimum capacitance value given in the recommended
capacitor table (0.7µF in this case). Note that the graph shows the capacitance out of spec for the 0402 case
size capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers’
specifications for the nominal value capacitor are consulted for all conditions as some capacitor sizes (e.g. 0402)
may not be suitable in the actual application.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com