Electronic Components Datasheet Search
  English  ▼

X  

LP3905 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 5Page - Texas Instruments LP3905 Datasheet HTML 6Page - Texas Instruments LP3905 Datasheet HTML 7Page - Texas Instruments LP3905 Datasheet HTML 8Page - Texas Instruments LP3905 Datasheet HTML 9Page - Texas Instruments LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2 MHz
Oscillator
Soft
Start
Ramp
Generator
Thermal
Shutdown
Undervoltage
Lockout
Frequency
Compensation
+
-
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
Vcomp
1.0V
Fixed Ver
Adj Ver
+
-
0.5V
+
-
+
-
VREF
LP3905
www.ti.com
SNVS374D – JUNE 2006 – REVISED MAY 2013
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage is 3V or higher.
BUCK CONVERTER BLOCK DIAGRAM
Figure 6. Simplified Functional Diagram
CIRCUIT OPERATION
The LP3905 Buck regulators operate as follows. During the first portion of each switching cycle, the control block
in the LP3905 turns on the internal PFET switch. This allows current to flow from the input through the inductor to
the output filter capacitor and load. The inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by
storing energy in a magnetic field.
During the second portion of each cycle, the controller turns the PFET switch off, blocking current flow from the
input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET to the output filter capacitor and load, which ramps the inductor current down with a slope of - VOUT/L.
The output filter stores charge when the inductor current is high, and releases it when inductor current is low,
smoothing the voltage across the load.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com