Electronic Components Datasheet Search
  English  ▼

X  

OPA694IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA694IDBVT Datasheet HTML 1Page - Texas Instruments OPA694IDBVT Datasheet HTML 2Page - Texas Instruments OPA694IDBVT Datasheet HTML 3Page - Texas Instruments OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
OPA694ID, IDBV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
+70°C(
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C(2)
3)
+85°C(3)
UNIT
MAX
LEVELS(1)
AC Performance (see Figure 31)
Small-Signal Bandwidth
G = +1, VO = 0.5VPP, RF = 430Ω
1500
MHz
typ
C
G = +2, VO = 0.5VPP, RF = 402Ω
690
350
340
330
MHz
min
B
G = +5, VO = 0.5VPP, RF = 318Ω
250
200
180
160
MHz
min
B
G = +10, VO = 0.5VPP, RF = 178Ω
200
150
130
120
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +1, VO = 0.5VPP, RF = 430Ω
90
MHz
typ
C
Peaking at a Gain of +1
VO ≤ 0.1VPP, RF = 430Ω
2
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
675
MHz
typ
C
Slew Rate
G = +2, 2V Step
1700
1300
1275
1250
V/ms
min
B
Rise Time and Fall Time
G = +2, VO = 0.2V Step
0.8
ns
typ
C
Settling Time to 0.01%
G = +2, VO = 2V Step
20
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 2V Step
13
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
—
—
—
xx x 2nd-Harmonic
RL = 100Ω
–68
–63
–62
–61
dBc
max
B
RL ≥ 500Ω
–92
–87
–85
–83
dBc
max
B
xx x 3rd-Harmonic
RL = 100Ω
–72
–69
–67
–66
dBc
max
B
RL ≥ 500Ω
–93
–88
–86
–84
dBc
max
B
Input Voltage Noise Density
f > 1MHz
2.1
2.4
2.8
3.0
nV/
√Hz
max
B
Inverting Input Current Noise Density
f > 1MHz
22
24
26
28
pA/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
24
26
28
30
pA/
√Hz
max
B
Density
NTSC Differential Gain
VO - 1.4VPP, RL = 150Ω
0.03
%
max
C
VO - 1.4VPP, RL = 37.5Ω
0.05
%
max
C
NTSC Differential Phase
G = +2, VO - 1.4VPP, RL = 150Ω
0.015
°
typ
C
VO - 1.4VPP, RL = 37.5Ω
0.16
°
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance
VO = 0V, RL = 100Ω
145
90
65
60
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±0.5
±3.0
±3.7
±4.1
mV
max
A
Average Input Offset Voltage Drift
VCM = 0V
12
15
mV/°C
max
B
Noninverting Input Bias Current
VCM = 0V
±5
±20
±26
±31
mA
max
A
Average Input Bias Current Drift
VCM = 0V
±100
±150
nA/°C
max
B
Inverting Input Bias Current
VCM = 0V
±2
±18
±26
±38
mA
max
A
Average Input Bias Current Drift
VCM = 0V
±150
±200
nA/°C
max
B
INPUT
Common-mode Input Voltage(5)
±2.5
±2.3
±2.2
±2.1
V
min
A
(CMIR)
Common-Mode Rejection Ratio
VCM = 0V
60
55
53
51
dB
min
A
(CMRR)
Noninverting Input Impedance
280 | | 1.2
k
Ω | | pF
typ
C
Inverting Input Resistance
Open-Loop
30
Ω
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +9°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2004–2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com