Electronic Components Datasheet Search
  English  ▼

X  

OPA694IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA694IDBVT Datasheet HTML 1Page - Texas Instruments OPA694IDBVT Datasheet HTML 2Page - Texas Instruments OPA694IDBVT Datasheet HTML 3Page - Texas Instruments OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OP
A694
OP
A694
OPA694
+5V
402W
75W
75W
V
LOAD
V
IN
RG-59
75W
402W
-5V
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
Wideband, Low-Power, Current Feedback
Operational Amplifier
Check for Samples: OPA694
1
FEATURES
DESCRIPTION
2
•
UNITY GAIN STABLE BANDWIDTH: 1.5GHz
•
HIGH GAIN OF 2V/V BANDWIDTH: 690MHz
The OPA694 is an ultra-wideband, low-power, current
feedback operational amplifier featuring high slew
•
LOW SUPPLY CURRENT: 5.8mA
rate and low differential gain/phase errors. An
•
HIGH SLEW RATE: 1700V/msec
improved output stage provides ±80mA output drive
•
HIGH FULL-POWER BANDWIDTH: 675MHz
with < 1.5V output voltage headroom. Low supply
current
with
>
500MHz
bandwidth
meets
the
•
LOW DIFFERENTIAL GAIN/PHASE:
requirements of high-density video routers. Being a
0.03%/0.015°
current feedback design, the OPA694 holds its
•
Pb-FREE AND GREEN SOT23-5 PACKAGE
bandwidth to very high gains—at a gain of 10, the
OPA694 will still provide 200MHz bandwidth.
APPLICATIONS
RF applications can use the OPA694 as a low-power
•
WIDEBAND VIDEO LINE DRIVER
SAW pre-amplifier. Extremely high 3rd-order intercept
•
MATRIX SWITCH BUFFER
is provided through 70MHz at much lower quiescent
•
DIFFERENTIAL RECEIVER
power than many typical RF amplifiers.
•
ADC DRIVER
The OPA694 is available in an industry-standard
•
IMPROVED REPLACEMENT FOR OPA658
pinout in both SO-8 and SOT23-5 packages.
OPA694 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
QUADS
FEATURES
—
OPA2694
—
—
Dual Version
Low-Power,
OPA683
OPA2683
—
—
CFBPlus
Low-Power,
OPA684
OPA2684
OPA3684
OPA4684
CFBPlus
OPA691
OPA2691
OPA3691
—
High Output
OPA695
OPA2695
OPA3695
—
High Intercept
Gain 2V/V Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA694IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA694IDBVT BURR-BROWN-OPA694IDBVT Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA694IDBVT TI1-OPA694IDBVT Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVT TI1-OPA694IDBVT Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVTG4 TI1-OPA694IDBVTG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
More results

Similar Description - OPA694IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com