Electronic Components Datasheet Search
  English  ▼

X  

OPA694IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 2Page - Texas Instruments OPA694IDBVT Datasheet HTML 3Page - Texas Instruments OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
100
1000
LoadResistance( )
W
G=+2V/V
f=5MHz
V =2V
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure31
-
-
-
-
-
-
-
-
65
70
75
80
85
90
95
100
3.5
4.0
4.5
5.0
5.5
6.0
SupplyVoltage( V )
± S
G=+2V/V
f=5MHz
R =100
L
W
V =2V
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure31
-
-
-
-
-
60
65
70
75
80
0.1
1
10
20
Frequency(MHz)
G=+2V/V
R =100W
L
V =2V
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure31
-
-
-
-
-
-
50
60
70
80
90
100
0.1
1
10
OutputVoltageSwing(V
PP)
G=+2V/V
R =100W
L
f=5MHz
3rdHarmonic
2ndHarmonic
SeeFigure31
-
-
-
-
-
65
70
75
80
85
1
10
Gain(V/V)
R =100W
L
f=5MHz
V =2V
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure31
-
-
-
-
60
65
70
75
1
10
Gain(|V/V|)
R =100W
L
f=5MHz
V =2V
O
PP
3rdHarmonic
2ndHarmonic
SeeFigure32
-
-
-
-
60
65
70
75
OPA694
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
LOAD RESISTANCE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
FREQUENCY
OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION vs
HARMONIC DISTORTION vs
NONINVERTING GAIN
INVERTING GAIN
Figure 11.
Figure 12.
6
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com