Electronic Components Datasheet Search
  English  ▼

X  

OPA694IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA694IDBVT Datasheet HTML 1Page - Texas Instruments OPA694IDBVT Datasheet HTML 2Page - Texas Instruments OPA694IDBVT Datasheet HTML 3Page - Texas Instruments OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
0
200
400
600
800
1000
Frequency(MHz)
V
O
PP
=0.5V
R
W
L =100
G=+2V/V
R
W
F =402
SeeFigure31
G=+5V/V
R
W
F =318
G=+10V/V
R
W
F =178
3
0
3
6
9
12
-
-
-
-
600
400
0
200
800
1000
Frequency(MHz)
V
O
PP
=0.5V
R
L =100W
SeeFigure32
G= -10V/V
R
F =500W
G= -5V/V
R
F =318W
G= -1V/V
R
F =430W
G= -2V/V
R
F =402W
3
0
3
6
9
12
15
18
-
-
-
-
-
-
600
400
0
200
800
1000
Frequency(MHz)
V
O
PP
=1V
V
O
PP
=2V
V
O
PP
=7V
V
O
PP
=4V
SeeFigure31
G=+2V/V
R
W
F =402
9
6
3
0
3
6
9
12
-
-
-
-
600
400
0
200
800
1000
Frequency(MHz)
V
O
PP
=1V
V
O
PP
=2V
V
O
PP
=7V
V
O
PP
=4V
G= 2V/V
-
R
W
F =402
SeeFigure32
9
6
3
0
3
6
9
12
-
-
-
-
G=+2V/V
Time(5ns/div)
SeeFigure31
SmallSignal,0.5V
PP
RightScale
LargeSignal,5V
PP
LeftScale
3
2
1
0
1
2
3
-
-
-
0.6
0.4
0.2
0
0.2
0.4
0.6
-
-
-
G= 2V/V
-
Time(5ns/div)
SeeFigure32
SmallSignal,0.5V
PP
RightScale
LargeSignal,5V
PP
LeftScale
3
2
1
0
1
2
3
-
-
-
0.6
0.4
0.2
0
0.2
0.4
0.6
-
-
-
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
NONINVERTING SMALL
−SIGNAL FREQUENCY RESPONSE
INVERTING SMALL
−SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING LARGE
−SIGNAL FREQUENCY RESPONSE
INVERTING LARGE
−SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 5.
Figure 6.
Copyright © 2004–2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com