Electronic Components Datasheet Search
  English  ▼

X  

OPA694IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments OPA694IDBVT Datasheet HTML 11Page - Texas Instruments OPA694IDBVT Datasheet HTML 12Page - Texas Instruments OPA694IDBVT Datasheet HTML 13Page - Texas Instruments OPA694IDBVT Datasheet HTML 14Page - Texas Instruments OPA694IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Single-to-Differential
Gainof10
Power-supplydecouplingnotshown.
OPA694
L
+5V
L
R
1
R
1
R
2
R
2
C
V-
V+
12-Bit
ADC
OPA694
500W
-
5V
0.1 F
m
25W
100W
100W
500W
C
1
C
1
V
I
50W
1:2
25W
V
CM
100W
50W
OPA694
+5V
-5V
100MHz, 1dBCompression=15dBm
-
50W
50W
50W
50W
50W
RG-58
50W
30W
V
1
V
2
V
3
V
4
V
5
V
V
V +V +V +V
O
1
2
3
4
5
= (
+
)
-
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
Two OPA694s are used in the circuit of Figure 33 to
have been adjusted to maintain both maximum
form a differential driver for a 12-bit ADC. The two
bandwidth and input impedance matching. If each RF
OPA694s offer > 250MHz bandwidth at a differential
signal is assumed to be driven from a 50
Ω source,
gain of 5V/V, with a 2VPP output swing. A 2nd-order
the NG for this circuit will be [1 + 100
Ω/(100Ω/5)] = 6.
RLC filter is used in order to limit the noise from the
The total feedback impedance (from VO to the
amplifier
and
provide
some
attenuation
for
inverting error current) is the sum of RF + (RI • NG),
higher-frequency harmonic distortion.
where RI is the impedance looking into the inverting
input from the summing junction (see the Setting
Resistor Values to Optimize Performance section).
WIDEBAND INVERTING SUMMING
Using 100
Ω feedback (to get a signal gain of –2 from
AMPLIFIER
each input to the output pin) requires an additional
Since the signal bandwidth for a current-feedback op
30
Ω in series with the inverting input to increase the
amp can be controlled independently of the noise
feedback impedance. With this resistor added to the
gain (NG, which is normally the same as the
typical
internal
RI = 30Ω, the total feedback
noninverting
signal
gain),
wideband
inverting
impedance is 100
Ω + (60Ω • 6) = 460Ω, which is
summing stages may be implemented using the
equal to the required value to get a maximum
OPA694. The circuit in Figure 34 shows an example
bandwidth flat frequency response for NG = 6.
inverting summing amplifier, where the resistor values
Figure 33. Wideband, AC-Coupled, Low-Power ADC Driver
Figure 34. 200MHz RF Summing Amplifier
Copyright © 2004–2010, Texas Instruments Incorporated
11
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com