Electronic Components Datasheet Search
  English  ▼

X  

TPS51221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51221 Datasheet HTML 9Page - Texas Instruments TPS51221 Datasheet HTML 10Page - Texas Instruments TPS51221 Datasheet HTML 11Page - Texas Instruments TPS51221 Datasheet HTML 12Page - Texas Instruments TPS51221 Datasheet HTML 13Page - Texas Instruments TPS51221 Datasheet HTML 14Page - Texas Instruments TPS51221 Datasheet HTML 15Page - Texas Instruments TPS51221 Datasheet HTML 16Page - Texas Instruments TPS51221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
www.ti.com
4.90
4.95
5.00
5.05
5.10
5
10
15
20
25
VIN-InputVoltage-V
IO=0A
IO=6A
IO=3A
CCM
3.20
3.25
3.30
3.35
3.40
5
10
15
20
25
VIN-InputVoltage-V
IO=0A
IO=6A
IO=3A
CCM
0
20
40
60
80
100
0.001
0.01
0.1
1
10
IOUT1-5-VOutputCurrent- A
Auto-skip
CCM
VIN=12V
OOA
50
60
70
80
90
100
0.001
0.01
0.1
1
10
IOUT1-5-VOutputCurrent- A
Auto-skip
VIN=7V
VIN=12V
VIN=21V
TPS51221
SLVS786 – NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
5-V OUTPUT VOLTAGE
3.3-V OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 17.
Figure 18.
5-V EFFICIENCY
5-V EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS51221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com