Electronic Components Datasheet Search
  English  ▼

X  

TPS51221 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS51221 Datasheet HTML 17Page - Texas Instruments TPS51221 Datasheet HTML 18Page - Texas Instruments TPS51221 Datasheet HTML 19Page - Texas Instruments TPS51221 Datasheet HTML 20Page - Texas Instruments TPS51221 Datasheet HTML 21Page - Texas Instruments TPS51221 Datasheet HTML 22Page - Texas Instruments TPS51221 Datasheet HTML 23Page - Texas Instruments TPS51221 Datasheet HTML 24Page - Texas Instruments TPS51221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
0
100
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
RF-Resistance-kW
LIGHT LOAD OPERATION
I
LL(DC) + ILL(PEAK) * 0.5
I
IND(RIPPLE)
(2)
I
IND(RIPPLE) +
1
L
ƒ
SW
V
IN * VOUT
V
OUT
V
IN
(3)
TPS51221
SLVS786 – NOVEMBER 2007
Figure 41. Switching Frequency vs RF
The TPS51221 automatically reduces switching frequency at light load condition to maintain high efficiency if
Auto Skip or OOA mode is selected by SKIPSELx. This reduction of frequency is achieved by skipping pulses.
As the output current decreases from heavy load condition, the inductor current is also reduced and eventually
comes to the point that its peak touches a predetermined current, ILL(PEAK), which indicates the boundary between
a heavy load conduction and a light load condition. Once the top MOSFET is turned on, the TPS51221 does not
allow turning it off until it touches ILL(PEAK). This eventually causes an over-voltage condition to the output, and
pulse skipping. From the next pulse after zero-crossing is detected, ILL(PEAK) is limited by the ramp-down signal
which starts from 25% of the over-current limit setting (IOCL(PEAK): see the CURRENT PROTECTION section)
toward 5% of IOCL(PEAK), over one switching cycle to prevent causing a large ripple. The transition load point to
the light load operation ILL(DC) can be calculated as follows;
where fSW is the PWM switching frequency as determined by RF resistor setting or external clock. Switching
frequency versus output current in the light load condition is a function of L, f, Vin and Vout; but it decreases
almost proportional to the output current from the ILL(DC) given above however, as the switching is synchronized
with clock. Due to the synchronization, the switching waveform in boundary load condition (close to ILL(DC)),
appears as a sub-harmonic oscillation; however, it is the intended operation.
If SKIPSELx is tied to GND, TPS51221 works at the constant frequency of fSW, regardless of its load current.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS51221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com