Electronic Components Datasheet Search
  English  ▼

X  

TPS51221 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS51221 Datasheet HTML 24Page - Texas Instruments TPS51221 Datasheet HTML 25Page - Texas Instruments TPS51221 Datasheet HTML 26Page - Texas Instruments TPS51221 Datasheet HTML 27Page - Texas Instruments TPS51221 Datasheet HTML 28Page - Texas Instruments TPS51221 Datasheet HTML 29Page - Texas Instruments TPS51221 Datasheet HTML 30Page - Texas Instruments TPS51221 Datasheet HTML 31Page - Texas Instruments TPS51221 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
www.ti.com
Co
Lx
Rs(DCR)
+
Cx
Rx
CSP
CSN
Inductor
Rc1
Rc2
R
NTC
LAYOUT CONSIDERATIONS
Inductor
CSP
R
C
H-FET
L-FET
SW
Cout
V5SW
R1
R2
VFB
CSN
Vout
TPS51221
SLVS786 – NOVEMBER 2007
Figure 48. Inductor DCR Current Sensing With Temperature Compensation
Certain points must be considered before starting a PCB layout work using the TPS51221.
Placement
• Place RC filters for CSP1 and CSP2 close to the IC pins.
• Place bypass capacitors for VREG5, VREG3 and VREF2 close to the IC pins.
• Place frequency-setting resistor close to the IC pin.
• Place the compensation circuits for COMP1 and COMP2 close to the IC pins.
• Place the voltage setting resistors close to the IC pins.
Routing (sensitive analog portion)
• Use separate traces for: (see Figure 49)
–
Output voltage sensing from current sensing (negative-side)
–
Output voltage sensing from V5SW input (when Vout=5V)
–
Current sensing (positive-side) from switch-node
Figure 49. Sensing Trace Routings
• Use Kelvin sensing traces from the solder pads of the current sensing device (inductor or resistor) to current
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS51221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com