Electronic Components Datasheet Search
  English  ▼

X  

TPS51221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51221 Datasheet HTML 1Page - Texas Instruments TPS51221 Datasheet HTML 2Page - Texas Instruments TPS51221 Datasheet HTML 3Page - Texas Instruments TPS51221 Datasheet HTML 4Page - Texas Instruments TPS51221 Datasheet HTML 5Page - Texas Instruments TPS51221 Datasheet HTML 6Page - Texas Instruments TPS51221 Datasheet HTML 7Page - Texas Instruments TPS51221 Datasheet HTML 8Page - Texas Instruments TPS51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS (2 oz Trace and Copper Pad with Solder)
RECOMMENDED OPERATING CONDITIONS
TPS51221
SLVS786 – NOVEMBER 2007
ORDERING INFORMATION(1)
ORDERABLE
MINIMUM
OUTPUT
TA
PACKAGE
PART NUMBER
PINS
ORDER
ECO PLAN
SUPPLY
QUANTITY
TPS51221RTVT
Tape and reel
250
Green (RoHS
PLASTIC QUAD
–40
°C to 85°C
32
and no Sb/Br)
FLAT PACK (QFN)
TPS51221RTVR
Tape and reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 30
V
VBST1, VBST2
–0.3 to 35
V
VBST1, VBST2(3)
–0.3 to 7
V
SW1, SW2
–2 to 30
V
Input voltage range (2)
CSP1, CSP2, CSN1, CSN2
–1 to 13.5
V
EN, EN1, EN2, VFB1, VFB2, TRIP, SKIPSEL1, SKIPSEL2
–0.3 to 7
V
V5SW
–0.3 to 7
V
V5SW (to VREG5)(4)
–7 to 7
V
Output voltage range(2)
DRVH1, DRVH2
–2 to 35
V
DRVH1, DRVH2(3)
–0.3 to 7
V
DRVL1, DRVL2, COMP1, COMP2, VREG5, RF, VREF2, IMON1 PGOOD1,
–0.3 to 7
V
PGOOD2
VREG3
–0.3 to 3.6
V
Operating junction temperature range, TJ
–40 to 125
°C
Storage temperature, Tst
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the corresponding SW terminal.
(4)
When EN is high and V5SW is grounded, or voltage is applied to V5SW when EN is low.
PACKAGE
TA < 25°C
DERATING FACTOR
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
32 pin RTV
1.7 W
17 mW/
°C
0.7 W
MIN
TYP
MAX
UNIT
Supply voltage
VIN
4.5
28
V
V5SW
–0.8
6
I/O voltage
VBST1, VBST2, DRVH1, DRVH2
–0.1
33
V
DRVH1, DRVH2 (wrt SW1, 2)
–0.1
6
SW1, SW2
–1.6
28
CSP1, CSP2, CSN1, CSN2
–0.8
13
EN, EN1, EN2, VFB1, VFB2, TRIP, DRVL1, DRVL2, COMP1, COMP2,
–0.1
6
VREG5, RF, VREF2, PGOOD1, PGOOD2, SKIPSEL1, SKIPSEL2, IMON1
VREG3
–0.1
3.5
Operating free-air temperature, TA
–40
85
°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS51221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com