Electronic Components Datasheet Search
  English  ▼

X  

TPS51221 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS51221 Datasheet HTML 13Page - Texas Instruments TPS51221 Datasheet HTML 14Page - Texas Instruments TPS51221 Datasheet HTML 15Page - Texas Instruments TPS51221 Datasheet HTML 16Page - Texas Instruments TPS51221 Datasheet HTML 17Page - Texas Instruments TPS51221 Datasheet HTML 18Page - Texas Instruments TPS51221 Datasheet HTML 19Page - Texas Instruments TPS51221 Datasheet HTML 20Page - Texas Instruments TPS51221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
www.ti.com
t-Time-100 ms/div
IIND(5 A/div)
VO1(100mV/div)
IO1(5 A/div)
V I N = 1 2 V, A u t o - s k i p
t-Time-100 ms/div
IIND(5 A/div)
VO2(100mV/div)
IO2(5 A/div)
VIN=12V, Auto-skip
-80
-60
-40
-20
0
20
40
60
80
100
1K
10K
100K
1M
f-Frequency-kHz
-180
-135
-90
-45
0
45
90
135
180
Gain
Phase
VIN=12V
Currentmode
-80
-60
-40
-20
0
20
40
60
80
100
1K
10K
100K
1M
f-Frequency-kHz
-180
-135
-90
-45
0
45
90
135
180
Gain
Phase
VIN=12V
Currentmode
TPS51221
SLVS786 – NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
5.0-V LOAD TRANSIENT RESPONSSE
3.3-V LOAD TRANSIENT RESPONSSE
Figure 33.
Figure 34.
5.0-V BODE-PLOT GAIN AND PHASE
3.3-V BODE-PLOT GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 35.
Figure 36.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS51221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com