Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 14Page - Texas Instruments TAS3103ADBT Datasheet HTML 15Page - Texas Instruments TAS3103ADBT Datasheet HTML 16Page - Texas Instruments TAS3103ADBT Datasheet HTML 17Page - Texas Instruments TAS3103ADBT Datasheet HTML 18Page - Texas Instruments TAS3103ADBT Datasheet HTML 19Page - Texas Instruments TAS3103ADBT Datasheet HTML 20Page - Texas Instruments TAS3103ADBT Datasheet HTML 21Page - Texas Instruments TAS3103ADBT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 154 page
background image
1.7.2
I2C Bus-Controlled Modes
SUBADDRESS(es)
PARAMETER(s)
0x00 – Starting I2C Check Word
0xFC – Ending I2C Check Word
S Check words apply to I2C master mode only
S In master I2C mode, the two check words are compared after EEPROM
download If comparison fails a second attempt is made If the second
Subaddr
m
s
b
S
Slave Addr
Ack
Ack
xxxxxxx
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
download. If comparison fails, a second attempt is made. If the second
comparison fails, the parameters default to the slave default values.
S In slave I2C mode, the default value for both check words is:
0x81_42_24_18
Input Mixer 28-Bit Gain Coefficients
0x01 − 0x33
Output Mixer 28-Bit Gain Coefficients
0x84 – 0xA1
Gain Coefficient
(Format = 5.23)
28
Subaddr
m
s
b
S
Slave Addr
Ack
Ack
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
Node
32 or 48
48
Node
Effects Block Biquad Filter Coefficients
0x34−0x4B
b 0
Subaddr
m
s
b
S
Slave Addr
Ack
Ack
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
a1
m
s
b
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
a2
m
s
b
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
b0
m
s
b
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
b2
m
s
b
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
b1
b 1
b 2
a1
a2
28
28
28
28
28
48
76
76
48
48
76
76
76
48
48
76
Magnitude
Truncation
48
z−1
z−1
z−1
z−1
Σ
NOTE: All gain coefficients 5.23 numbers.
Reverb Block Gains
Gain Coefficient G0
Reverb Block
Subaddress
Gain Coefficient G0
(Format = 5.23)
CH1
0x4C
()
28
48
48
48
CH2
0x4D
8
Σ
CH3
0x4E
Gain Coefficient G1
(Format
5 23)
(Format = 5.23)
Subaddr
m
s
b
S
Slave Addr
Ack
Ack
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
G0
m
s
b
xxx
0000
Ack
xxxxxxxx
Ack
xxxxxxxx
Ack
xxxxxx
l
s
b
Ack
G1
28
Reverb
Delay
Reverb Block
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com