Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 38Page - Texas Instruments TAS3103ADBT Datasheet HTML 39Page - Texas Instruments TAS3103ADBT Datasheet HTML 40Page - Texas Instruments TAS3103ADBT Datasheet HTML 41Page - Texas Instruments TAS3103ADBT Datasheet HTML 42Page - Texas Instruments TAS3103ADBT Datasheet HTML 43Page - Texas Instruments TAS3103ADBT Datasheet HTML 44Page - Texas Instruments TAS3103ADBT Datasheet HTML 45Page - Texas Instruments TAS3103ADBT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 154 page
background image
OUTPUT
OM[3:0]
FORMAT
WORD SIZE
DATA DISTRIBUTION: U, V, W, X, Y, Z = OUTPUT MIXER OUTPUTS
OUTPUT
TYPE
OM[3:0]
FORMAT
WORD SIZE
SDOUT1
SDOUT2
SDOUT3
000X(1)
Left-justified
All options valid
LR
LR
LR
0010
Right-justified
All options valid
LR
WX
YZ
DISCRETE
0011
I2S(2)
All options valid except 32-bit
UV
32
32
SCLKs
WX
32
32
YZ
32
32
DISCRETE
0100
16-bit packed
OW[2:0] = 001
LR
UV
16
16
SCLKs
Not available
Not available
NOTES:
1. Left-justified, stereo is the default input format.
2. LRCLK for the I2S format is L R .
Figure 2−8. Discrete Format Options: Output Serial Audio Port
SAMPLE
SIZE
INPUT IW[2:0]
OUTPUT OW[2:0]
SIZE
IW2
IW1
IW0
OW2
OW1
OW0
(32)
0
0
0
0
0
0
DEFAULT
→
16 Bit
0
0
1
0
0
1
18 Bit
0
1
0
0
1
0
20 Bit
0
1
1
0
1
1
24 Bit
1
0
0
1
0
0
32 Bit
1
0
1
1
0
1
(32)
1
1
0
1
1
0
(32)
1
1
1
1
1
1
(32)
⇒ Reserved for future family members. Selection of 000, 110, or 111 in the
TAS3103A selects a 32-bit sample size.
Figure 2−9. Word-Size Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com