Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 51 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 47Page - Texas Instruments TAS3103ADBT Datasheet HTML 48Page - Texas Instruments TAS3103ADBT Datasheet HTML 49Page - Texas Instruments TAS3103ADBT Datasheet HTML 50Page - Texas Instruments TAS3103ADBT Datasheet HTML 51Page - Texas Instruments TAS3103ADBT Datasheet HTML 52Page - Texas Instruments TAS3103ADBT Datasheet HTML 53Page - Texas Instruments TAS3103ADBT Datasheet HTML 54Page - Texas Instruments TAS3103ADBT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 154 page
background image
2−18
When the SAP is in the master mode, it uses the MCLKI/XTALI master clock to drive the serial port clocks SCLKOUT1,
SLCKOUT2, and LRCLK. When the SAP is in the slave mode, LRCLK is an input and SCLKOUT2 and SCLKOUT1
are derived from SCLKIN. As shown in Figure 2−15, SCLKOUT1 clocks data into the input SAP and SCLKOUT2
clocks data from the output SAP. Two distinct clocks are required to support TDM-to-discrete and discrete-to-TDM
data format conversions. Such format conversions also require that SCLKIN be the higher valued bit clock frequency.
For TDM-in/discrete-out format conversions, SCLKIN must be equal to the input bit clock. For discrete-in/TDM-out
format conversions, SCLKIN must be equal to the output bit clock. The frequency settings for SCLKOUT1,
SCLKOUT2, and LRCLK in the SAP master mode, as well as the SAP master/slave mode selection, are all controlled
by I2C commands.
Table 2−3 lists the default settings at power turnon or after a received reset.
Table 2−3. TAS3103A Clock Default Settings
CLOCK
DEFAULT SETTING
SCLKOUT1
SCLKIN
SCLKOUT2
SCLKIN
LRCLK
Input
MCLKO
MCLKI or XTALI
DAP processing clock
Set by pins PLL0 and PLL1
Microprocessor clock
Set by pin MICROCLK_DIV
I2C sampling clock
I2C master mode
Microprocessor clock/4
I2C slave mode
Microprocessor clock
I2C master SCL
I2C sampling clock/90
The selections provided by the dedicated TAS3103A input pins and the programmable settings provided by I2C
subaddress commands give the TAS3103A a wealth of clocking options. Table 2−1, in the section describing the SAP,
lists typical clocking selections for different audio sampling rates. However, the following clocking restrictions must
be adhered to:
•
MCLKI or XTALI
≥ 128 Fs (NOTE: For some TDM modes, MCLKI or XTALI must be ≥ 256 Fs)
•
DAP clock
≥ 1400 × Fs
•
DAP clock < 136 MHz
•
Microprocessor clock/20
≥ I2C SCL clock
•
Microprocessor clock
≤ 35 MHz
•
XTALI
≤ 20 MHz
•
MCLKI
≤ 25 MHz, unless PLL is bypassed
As long as these restrictions are met, all other clocking options are allowed.
2.3
Controller
The controller serves as the interface between the DAP, the asynchronous I2C bus interface, and the four
general-purpose I/O (GPIO) pins. Included in the controller block is an industry-standard 8051 microprocessor and
an I2C master/slave bus controller.
2.3.1
8051 Microprocessor
The 8051 microprocessor receives and distributes I2C write data, retrieves and outputs to the I2C bus controller the
required I2C read data, and participates in most processing tasks requiring multiframe processing cycles. The
microprocessor also controls the flow of data into and out of the GPIO pins, which includes volume control when in
the I2C master mode. The microprocessor has its own data RAM for storing intermediate values and queuing I2C
commands, and a fixed program ROM. The microprocessor program cannot be altered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com