Electronic Components Datasheet Search
  English  ▼

X  

TAS3103ADBT Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 43Page - Texas Instruments TAS3103ADBT Datasheet HTML 44Page - Texas Instruments TAS3103ADBT Datasheet HTML 45Page - Texas Instruments TAS3103ADBT Datasheet HTML 46Page - Texas Instruments TAS3103ADBT Datasheet HTML 47Page - Texas Instruments TAS3103ADBT Datasheet HTML 48Page - Texas Instruments TAS3103ADBT Datasheet HTML 49Page - Texas Instruments TAS3103ADBT Datasheet HTML 50Page - Texas Instruments TAS3103ADBT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 154 page
background image
2−14
2.2
DPLL and Clock Management
Clock management for the TAS3103A consists of two control structures:
•
Master clock management: oversees the selection of the clock frequencies for the microprocessor, the I2C
controller, and the digital audio processor (DAP). The master clock (MCLKI or XTALI) serves as the source
for these clocks. In most applications, the master clock is input to an on-chip digital phase-locked loop
(DPLL), and the DPLL output is used to drive the microprocessor and DAP clocks. A DPLL bypass mode
can also be used, in which case the master clock is used to drive the microprocessor and DAP clocks.
•
Serial audio port (SAP) clock management: oversees SAP master/slave mode, the settings of SCLKOUT1
and SCLKOUT2, and the setting of LRCLK in the SAP master mode.
Figure 2−15 illustrates the clock circuitry in the TAS3103A. The bold lines in Figure 2−15 highlight the default settings
at power turnon, or after a reset. Inputs MCLKI and XTALI source the master clock for the TAS3103A. Within the
TAS3103A, these two inputs are combined by an OR gate, and thus only one of these two sources can be active at
any one time. The source that is not active must be set to logic 0. In normal operation, the master clock is divided
by 1, 2, or 4 as determined by the logic levels set at input pins PLL0 and PLL1 (the state of PLL0, PLL1, and
MICROCLK_DIV should only be changed while the TAS3103A RST is held LOW) and then multiplied by 11 in
frequency by the on-chip DPLL. The DPLL output (or MCLKI/XTALI if the DPLL is bypassed) is the processing clock
used by the digital audio processor (DAP).
The DAP processing clock can also serve as the clock for the on-chip microprocessor, or the DAP clock can be divided
by four prior to sending it to the microprocessor. The input pin MICROCLK_DIV makes this clock choice. A logic 1
input level on this pin selects the DAP clock for the microprocessor clock; a logic 0 input level on this pin selects the
DAP clock/4 for the microprocessor clock. Table 2−2 lists the primary clock modes of the TAS3103A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com