Electronic Components Datasheet Search
  English  ▼

X  

THS6093IPWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS6093IPWPR
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6093IPWPR Datasheet(HTML) 2 Page - Texas Instruments

  THS6093IPWPR Datasheet HTML 1Page - Texas Instruments THS6093IPWPR Datasheet HTML 2Page - Texas Instruments THS6093IPWPR Datasheet HTML 3Page - Texas Instruments THS6093IPWPR Datasheet HTML 4Page - Texas Instruments THS6093IPWPR Datasheet HTML 5Page - Texas Instruments THS6093IPWPR Datasheet HTML 6Page - Texas Instruments THS6093IPWPR Datasheet HTML 7Page - Texas Instruments THS6093IPWPR Datasheet HTML 8Page - Texas Instruments THS6093IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
SOIC-8†
(D)
SOIC-8†
PowerPAD
(DDA)
SOIC-14†
(D)
TSSOP-14†
PowerPAD
(PWP)
EVALUATION
MODULES
0
°C to 70°C
THS6092CD
THS6092CDDA
THS6093CD
THS6093CPWP
THS6092EVM
THS6093EVM
−40
°C to 85°C
THS6092ID
THS6092IDDA
THS6093ID
THS6093IPWP
—
† All packages are available taped and reeled. Add an R-suffix to the device type (i.e., THS6092IDR).
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC+ to VCC−
14.7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
± VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (see Note 1)
350 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage
± 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature
See Dissipation Ratings Table
. . . . . . . . . . .
Operating free-air temperature, TA: Commercial
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg : Commercial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The THS6092 and THS6093 may incorporate a PowerPAD
 on the underside of the chip. This acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD
 thermally enhanced package.
DISSIPATION RATING TABLE
PACKAGE
θJA
θJC
TA = 25°C§
POWER RATING
TA = 70°C§
POWER RATING
TA = 85°C§
POWER RATING
D-8
95
°C/W‡
38.3
°C/W‡
1.1 W
0.63 W
0.47 W
DDA
45.8
°C/W
9.2
°C/W
2.3 W
1.31 W
0.98 W
D-14
66.6
°C/W‡
26.9
°C/W‡
1.6 W
0.90 W
0.68 W
PWP
37.5
°C/W
1.4
°C/W
2.8 W
1.60 W
1.20 W
‡ This data was taken using the JEDEC proposed high-K test PCB. For the JEDEC low-K test PCB, the ΘJA is168°C/W for the D−8 package and
122.3
°C/W for the D−14 package.
§ Power rating is determined with a junction temperature of 130°C. This is the point where distortion starts to substantially increase. Thermal
management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ to VCC−
Dual supply
±2.5
±7
V
Supply voltage, VCC+ to VCC−
Single supply
+5
+14
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com