Electronic Components Datasheet Search
  English  ▼

X  

THS6093IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6093IPWPR
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6093IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  THS6093IPWPR Datasheet HTML 1Page - Texas Instruments THS6093IPWPR Datasheet HTML 2Page - Texas Instruments THS6093IPWPR Datasheet HTML 3Page - Texas Instruments THS6093IPWPR Datasheet HTML 4Page - Texas Instruments THS6093IPWPR Datasheet HTML 5Page - Texas Instruments THS6093IPWPR Datasheet HTML 6Page - Texas Instruments THS6093IPWPR Datasheet HTML 7Page - Texas Instruments THS6093IPWPR Datasheet HTML 8Page - Texas Instruments THS6093IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Remote Terminal ADSL Line Driver
− Ideal for Both Full Rate ADSL and G.Lite
− Compatible With 1:2 Transformer Ratio
D Wide Supply Voltage Range +5 V to +14 V
− Ideal for Single Supply +12-V Operation
D Low 2.1 pA/√Hz Noninverting Current Noise
− Reduces Noise Feedback Through
Hybrid Into Downstream Channel
D Wide Output Swing
− 18.4 Vpp Differential Output Voltage,
RL = 50 Ω, 12-V Single Supply
D High Output Current
− 275 mA (typ)
D High Speed
− 100 MHz (−3 dB, G=1, 12-V Single
Supply)
− 600 V/
µs Slew Rate (G = 4, 12-V Single
Supply)
D Low Distortion, Single-Ended, G = 4
− −72 dBc (250 kHz, 2 Vpp, 25
Ω load)
− −78 dBc (250 kHz, 2 Vpp, 100
Ω load)
D Low Power Shutdown (THS6093)
− 300
µA Total Standby Current
D Thermal Shutdown and Short Circuit
Protection
D Standard SOIC, SOIC PowerPAD, and
TSSOP PowerPAD
 Package
D Evaluation Module Available
1
2
3
4
8
7
6
5
D1 OUT
D1 IN−
D1 IN+
VCC−
VCC+
D2 OUT
D2 IN−
D2 IN+
THS6092
SOIC (D) AND
SOIC PowerPAD
 (DDA) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1 OUT
D1 IN−
D1 IN+
VCC−
N/C
GND
N/C
VCC+
D2 OUT
D2 IN−
D2 IN+
N/C
SHUTDOWN
N/C
THS6093
SOIC (D) AND
TSSOP PowerPAD
 (PWP) PACKAGE
(TOP VIEW)
description
The THS6092/3 is a high-speed line driver ideal for driving signals from the remote terminal to the central office
in asymmetrical digital subscriber line (ADSL) applications. It can operate from a single +12-V supply voltage
while drawing only 7.3 mA of supply current per channel. It offers low –72 dBc total harmonic distortion driving
a 25-
Ω load (2 Vpp). The THS6092/3 offers a high 18.4-Vpp differential output swing across a 50-Ω load from
a single +12-V supply. The THS6093 features a low-power shutdown mode, consuming only 300
µA quiescent
current per channel. The THS6092/3 is packaged in a standard SOIC, SOIC PowerPAD
, and TSSOP
PowerPAD
 package.
_
+
+12 V
750
Ω
VI+
_
+
GND
750
Ω
VI−
12.5
Ω
1:2
14.1 dBm
Delivered
to Telephone
Line
12.5
Ω
THS6092
Driver 1
THS6092
Driver 2
100
Ω
499
Ω
0.33
µF
RELATED PRODUCTS
DEVICE
THS6042/3
THS6052/3
OPA2677
THS6062
DESCRIPTION
350-mA,
±12 ADSL CPE line driver
175-mA,
±12 V ADSL CPE line driver
380-mA, +12 V ADSL CPE line driver
Low noise ADSL receiver
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS6093IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6093IPWPR TI1-THS6093IPWPR Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
THS6093IPWPRG4 TI1-THS6093IPWPRG4 Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
More results

Similar Description - THS6093IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6042 TI-THS6042 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com