Electronic Components Datasheet Search
  English  ▼

X  

THS6093IPWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6093IPWPR
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6093IPWPR Datasheet(HTML) 5 Page - Texas Instruments

  THS6093IPWPR Datasheet HTML 1Page - Texas Instruments THS6093IPWPR Datasheet HTML 2Page - Texas Instruments THS6093IPWPR Datasheet HTML 3Page - Texas Instruments THS6093IPWPR Datasheet HTML 4Page - Texas Instruments THS6093IPWPR Datasheet HTML 5Page - Texas Instruments THS6093IPWPR Datasheet HTML 6Page - Texas Instruments THS6093IPWPR Datasheet HTML 7Page - Texas Instruments THS6093IPWPR Datasheet HTML 8Page - Texas Instruments THS6093IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC+ = 12 V, VCC− = GND, RFEEDBACK = 750 Ω, RL = 25 Ω (unless otherwise noted) (continued)
shutdown characteristics (THS6093 only)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL(SHDN)
Shutdown pin voltage for power up
VCC = 12 V,
GND = 6 V
(GND Pin as Reference)
0.8
V
VIH(SHDN)
Shutdown pin voltage for power down
VCC = 12 V,
GND = 6 V
(GND Pin as Reference)
2
V
ICC(SHDN) Total quiescent current when in shutdown state
VSHDN = 8 V,
VGND = 6 V,
VCC = 12 V
0.3
0.7
mA
tDIS
Disable time (see Note 3)
VCC = 12 V
0.2
µs
tEN
Enable time (see Note 3)
VCC = 12 V
0.5
µs
IIL(SHDN)
Shutdown pin input bias current for power up
VSHDN = 6 V,
VGND = 6 V,
VCC = 12 V
40
100
µA
IIH(SHDN)
Shutdown pin input bias current for power
down
VSHDN = 9.3 V,
VGND = 6 V,
VCC = 12 V
50
100
µA
NOTE 3: Disable/enable time is defined as the time from when the shutdown signal is applied to the SHDN pin to when the supply current has
reached half of its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com