Electronic Components Datasheet Search
  English  ▼

X  

THS6093IPWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6093IPWPR
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6093IPWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6093IPWPR Datasheet HTML 6Page - Texas Instruments THS6093IPWPR Datasheet HTML 7Page - Texas Instruments THS6093IPWPR Datasheet HTML 8Page - Texas Instruments THS6093IPWPR Datasheet HTML 9Page - Texas Instruments THS6093IPWPR Datasheet HTML 10Page - Texas Instruments THS6093IPWPR Datasheet HTML 11Page - Texas Instruments THS6093IPWPR Datasheet HTML 12Page - Texas Instruments THS6093IPWPR Datasheet HTML 13Page - Texas Instruments THS6093IPWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
THS6093CPWPR
HTSSOP
PWP
14
2000
350.0
350.0
43.0
THS6093IPWPR
HTSSOP
PWP
14
2000
350.0
350.0
43.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com