Electronic Components Datasheet Search
  English  ▼

X  

THS6093IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6093IPWPR
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6093IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  THS6093IPWPR Datasheet HTML 1Page - Texas Instruments THS6093IPWPR Datasheet HTML 2Page - Texas Instruments THS6093IPWPR Datasheet HTML 3Page - Texas Instruments THS6093IPWPR Datasheet HTML 4Page - Texas Instruments THS6093IPWPR Datasheet HTML 5Page - Texas Instruments THS6093IPWPR Datasheet HTML 6Page - Texas Instruments THS6093IPWPR Datasheet HTML 7Page - Texas Instruments THS6093IPWPR Datasheet HTML 8Page - Texas Instruments THS6093IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC+ = 12 V, VCC− = GND, RFEEDBACK = 750 Ω, RL = 25 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
Small-signal bandwidth (− 3 dB) G=1
VCC = 12 V
100
MHz
BW
Small-signal bandwidth (− 3 dB) G=1
VCC = 5 V
90
MHz
SR
Slew rate (see Note 2)
VCC = 12 V
600
V/ s
SR
Slew rate (see Note 2)
VCC = 5 V
400
V/
µs
NOTE 2: Slew rate is defined from the 25% to the 75% output levels.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
Gain = 4,
RL = 25 Ω,
VCC = 5 V,
f = 250 kHz
VO(pp) = 2 V
−70
dBc
THD
Total harmonic distortion
(single-ended configuration)
Gain = 4,
RL = 25 Ω,
V
= 12 V,
f = 250 kHz
VO(pp)= 2 V
−72
dBc
(single-ended configuration)
Gain = 4,
RL = 25 Ω,
VCC = 12 V,
f = 250 kHz
VO(pp)= 7 V
−68
Vn
Input voltage noise
VCC = 12 V, 5 V, f = 10 kHz
2.1
nV/
√Hz
In
Input current noise
+Input
VCC = 12 V, 5 V, f = 10 kHz
2.1
pA/
√Hz
In
Input current noise
−Input
VCC = 12 V, 5 V, f = 10 kHz
10.9
pA/
√Hz
XT
Crosstalk
f = 250 kHz ,
VO = 2 Vpp
G = 4,
RL= 25 Ω
VCC = 5 V
−65
dBc
XT
Crosstalk
VCC = 12 V
−63
dBc
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
TA = 25°C
6
16
Input offset voltage
TA = full range
21
mV
VOS
Differential offset voltage
VCC = 12 V, 5 V
TA = 25°C
1
6
mV
VOS
Differential offset voltage
VCC = 12 V, 5 V
TA = full range
8
Offset drift
TA = full range
20
µV/°C
− Input bias current
TA = 25°C
3
10
− Input bias current
TA = full range
12
IIB
+ Input bias current
VCC = 12 V, 5 V
TA = 25°C
1
6
µA
IIB
+ Input bias current
VCC = 12 V, 5 V
TA = full range
7
µA
Differential input bias current
TA = 25°C
3
10
Differential input bias current
TA = full range
12
ZOL
Open loop transimpedance
RL = 1 kΩ
VCC = 12 V, 5 V
0.9
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com