Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV6713
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 5 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
VDD
SENSE
OUT
VIT+
V HYS
t pd(LH)
t pd(LH)
t pd(HL)
VIT±
t
d(start)
V(POR)
5
TLV6713
www.ti.com
SBVS331B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The lowest supply voltage (VDD) at which output is active; tr(VDD) > 15 µs/V. If less than V(POR), the output is undetermined.
(2)
When VDD falls below UVLO, OUT is driven low. The output cannot be determined if less than V(POR).
7.5 Electrical Characteristics
Over the operating temperature range of TJ = –40°C to +125°C, 1.8 V ≤ VDD < 36 V, and pullup resistor RP = 100 kΩ (unless
otherwise noted). Typical values are at TJ = 25°C and VDD = 12 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(POR)
Power-on reset voltage(1)
VOL ≤ 0.2 V
0.8
V
VIT–
SENSE pin negative input threshold voltage
VDD = 1.8 V to 36 V
397
400
403
mV
VIT+
SENSE pin positive input threshold voltage
VDD = 1.8 V to 36 V
400
405.5
413
mV
VHYS
SENSE pin hysteresis voltage
(HYS = VIT+ – VIT–)
2
5.5
12
mV
VOL
Low-level output voltage
VDD = 1.8 V, IOUT = 3 mA
130
250
mV
VDD = 5 V, IOUT = 5 mA
150
250
IIN
Input current (at SENSE pin)
VDD = 1.8 V and 36 V, VSENSE = 6.5 V
–25
+1
+25
nA
VDD = 1.8 V and 36 V, VSENSE = 0.1 V
–15
+1
+15
ID(leak)
Open-drain leakage current
VDD = 1.8 V and 36 V, VOUT = 25 V
10
300
nA
IDD
Supply current
VDD = 1.8 V – 36 V
8
11
µA
UVLO
Undervoltage lockout(2)
VDD falling
1.3
1.5
1.7
V
(1)
High-to-low and low-to-high refers to the transition at the input pin (SENSE).
(2)
During power on, VDD must exceed 1.8 V for at least 150 µs (typical) before the output state reflects the input condition.
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
tpd(HL)
High-to-low propagation delay(1)
VDD = 24 V, ±10-mV input overdrive,
RL = 100 kΩ, VOH = 0.9 × VDD, VOL = 250 mV
9.9
µs
tpd(LH)
Low-to-high propagation delay(1)
VDD = 24 V, ±10-mV input overdrive,
RL = 100 kΩ, VOH = 0.9 × VDD, VOL = 250 mV
28.1
µs
td(start)
(2)
Startup delay
VDD = 5 V
155
µs
tr
Output rise time
VDD = 12 V, 10-mV input overdrive,
RL = 100 kΩ, CL = 10 pF, VO = (0.1 to 0.9) × VDD
2.7
µs
tf
Output fall time
VDD = 12 V, 10-mV input overdrive,
RL = 100 kΩ, CL = 10 pF, VO = (0.9 to 0.1) × VDD
0.12
µs
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com