Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV6713
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VIT+ Threshold (mV)
0
500
1000
1500
2000
2500
3000
3500
VIT- Threshold (mV)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
404
404.5
405
405.5
406
406.5
407
407.5
408
408.5
409
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.1
399.2
399.3
399.4
399.5
399.6
399.7
399.8
399.9
400
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
0
1
2
3
4
5
6
7
8
9
10
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Overdrive (%)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
6
TLV6713
SBVS331B – JANUARY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.7 Typical Characteristics
at TJ = 25°C and VDD = 12 V (unless otherwise noted)
Figure 2. Supply Current vs Supply Voltage
VDD = 24 V, minimum pulse duration required to trigger output
high-to-low transition, SENSE = negative spike below VIT–
Figure 3. Minimum Pulse Duration vs
Threshold Overdrive Voltage
Figure 4. SENSE Positive Input Threshold Voltage (VIT+) vs
Temperature
Figure 5. SENSE Negative Input Threshold Voltage (VIT–) vs
Temperature
VDD = 1.8 V
Figure 6. SENSE Positive Input Threshold Voltage (VIT+)
Distribution
VDD = 1.8 V
Figure 7. SENSE Negative Input Threshold Voltage (VIT–)
Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com