Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV6713
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
0.01 F
+
±
VDD
SENSE
OUT
GND
2 M
Ÿ
37.4 k
Ÿ
VPULLUP
3.3 V
100 k
Ÿ
VMON
24 V
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
0 V to 25 V
RP
VMON
1.8 V to 36 V
11
TLV6713
www.ti.com
SBVS331B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
NOTE: The input can monitor a voltage higher than VDD (maximum) with the use of an external resistor divider
network.
Figure 14. Monitoring a Voltage Other than VDD
9.1.2 Immunity to Input Pin Voltage Transients
The TLV6713 is immune to short voltage transient spikes on the input pin. Sensitivity to transients depends on
both transient duration and amplitude; see Figure 3, Minimum Pulse Duration vs Threshold Overdrive Voltage.
9.2 Typical Application
Figure 15. 24-V, 10% Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com