Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV6713
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
TLV6713
www.ti.com
SBVS331B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Input Pin (SENSE)
The TLV6713 combines a comparator with a precision reference voltage. The comparator has one external input
and one internal input connected to the internal reference. The falling threshold on SENSE is designed and
trimmed to be equal to the reference voltage (400 mV). This configuration optimizes the device accuracy. The
comparator also has built-in hysteresis that proves immunity to noise and ensures stable operation.
The comparator input swings from ground to 1.7 V (7 V absolute maximum), regardless of the device supply
voltage used. Although not required in most cases, it is good analog design practice to place a 1-nF to 10-nF
bypass capacitor at the comparator input for noisy applications to reduce sensitivity to transient voltage changes
on the monitored signal.
For the comparator, the output (OUT) is driven to logic low when the input SENSE voltage drops below VIT–.
When the voltage exceeds VIT+, OUT goes to a high-impedance state; see Figure 1.
8.3.2 Output Pin (OUT)
In a typical TLV6713 application, the output is connected to a GPIO input of the processor (such as a digital
signal processor [DSP], central processing unit [CPU], field-programmable gate array [FPGA], or application-
specific integrated circuit [ASIC]).
The TLV6713 provides an open-drain output (OUT) rated to 25 V, independant of supply voltage, and can sink
up to 40 mA.. A pullup resistor is required to hold the line high when the output goes to a high-impedance state.
Connect this pullup resistor to a voltage rail that meets the logic requirements of the downstream device. To
ensure the proper voltage level, give some consideration when choosing the pullup resistor value. The pullup
resistor value is determined by VOL, output capacitive loading, and the open-drain leakage current (ID(leak)). These
values are specified in the Electrical Characteristics table.
Table 2 and Input Pin (SENSE) describe how the output is asserted or high impedance. See Figure 1 for a timing
diagram that describes the relationship between threshold voltage and the respective output.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD > UVLO)
When the voltage on VDD is greater than 1.8 V for at least 155 µs, the OUT signal corresponds to the voltage on
SENSE, as listed in Table 2.
8.4.2 Undervoltage Lockout (V(POR) < VDD < UVLO)
When the voltage on VDD is less than the device UVLO voltage, and greater than the power-on reset voltage,
V(POR), the OUT signal is asserted regardless of the voltage on SENSE.
8.4.3 Power On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the asserted output to GND
(V(POR)), OUT is in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com