Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV6713
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments TLV6713 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HI
pullup
D(leak
pullu
UT
)
p
O
V
V
RP
I
V
I
d
d
MON(UV)
IT-
R1
V
= 1 +
V
R2
·
§
u
¨
¸
©
¹
12
TLV6713
SBVS331B – JANUARY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
This typical voltage detector application is designed to meet the parameters listed in Table 3:
Table 3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Monitored voltage
24-V nominal, falling (VMON(UV))
threshold
10% nominal (21.6 V)
VMON(UV) = 21.8 V ±2.7%
Output logic voltage
3.3-V CMOS
3.3-V CMOS
Maximum current consumption
30 µA
24 µA
9.2.2 Detailed Design Procedure
9.2.2.1 Resistor Divider Selection
The resistor divider values and target threshold voltage can be calculated by using Equation 1 to determine
VMON(UV).
where
•
R1 and R2 are the resistor values for the resistor divider on the SENSE pin
•
VMON(UV) is the target voltage at which an undervoltage condition is detected
(1)
Choose an RTOTAL ( = R1 + R2) so that the current through the divider is approximately 100 times higher than the
input current at the SENSE pin. Use resistors with high values to minimize current consumption (as a result of
low input bias current) without adding significant error to the resistive divider. For details on sizing input resistors,
refer to Optimizing Resistor Dividers at a Comparator Input, available for download from www.ti.com.
9.2.2.2 Pullup Resistor Selection
To ensure the proper logic-high voltage level (VHI), select a pullup resistor value where the pullup voltage divided
by the pullup resistor value does not exceed the sink-current capability of the device. Confirm this voltage level
by verifying that the pullup voltage minus the open-drain leakage current (ID(leak) ) multiplied by the resistor is
greater than the desired VHI. These values are specified in the Electrical Characteristics.
Use Equation 2 to calculate the value of the pullup resistor.
(2)
9.2.2.3 Input Supply Capacitor
Although an input capacitor is not required for stability, for good analog design practice, connect a 0.1-μF low
equivalent series resistance (ESR) capacitor across the VDD and GND pins. A higher-value capacitor may be
necessary if large, fast rise-time load transients are anticipated, or if the device is not located close to the power
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com