Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5083ATE Datasheet HTML 1Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5082/MAX5083 are 250kHz PWM step-down
DC-DC converters with an on-chip, 0.3
Ω high-side
switch. The input voltage range is 4.5V to 40V for the
MAX5082 and 7.5V to 40V for the MAX5083. The output
is adjustable from 1.23V to 32V and can deliver up to
1.5A of load current.
Both devices utilize a voltage-mode control scheme for
good noise immunity in the high-voltage switching envi-
ronment and offer external compensation allowing for
maximum flexibility with a wide selection of inductor val-
ues and capacitor types. The switching frequency is
internally fixed at 250kHz and can be synchronized to
an external clock signal through the SYNC input. Light
load efficiency is improved by automatically switching
to a pulse-skip mode.
All devices include programmable undervoltage lock-
out and soft-start. Protection features include cycle-by-
cycle current limit, hiccup-mode output short-circuit
protection, and thermal shutdown. Both devices are
available in a space-saving, high-power (2.7W), 16-pin
TQFN package and are rated for operation over the
-40°C to +125°C temperature range.
Applications
FireWire® Power Supplies
Automotive
Distributed Power
Industrial
Features
♦ 4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083)
Input Voltage Range
♦ 1.5A Output Current
♦ VOUT Range From 1.23V to 32V
♦ Internal High-Side Switch
♦ Fixed 250kHz Internal Oscillator
♦ Automatic Switchover to Pulse-Skip Mode at
Light Loads
♦ External Frequency Synchronization
♦ Thermal Shutdown and Short-Circuit Protection
♦ Operates Over the -40°C to +125°C Temperature
Range
♦ Space-Saving (5mm x 5mm) High-Power 16-Pin
TQFN Package
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
________________________________________________________________ Maxim Integrated Products
1
19-3657; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX5082ATE
-40°C to +125°C
16 TQFN-EP*
MAX5083ATE
-40°C to +125°C
16 TQFN-EP*
MAX5082
VIN
4.5V TO 40V
ON/OFF
C1
R1
R2
C2
PGND
REG
LX
FB
IN
SYNC
SGND PGND
SS
COMP
DVREG
C-
CF
VOUT
PGND
CBST
CSS
D1
D2
L1
C8
C5
R6
R5
C+
BST
C7
C6
R3
R4
Typical Operating Circuits
FireWire is a registered trademark of Apple Computer, Inc.
Typical Operating Circuits continued at end of data sheet.
*EP = Exposed pad.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX5083ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5083ATE MAXIM-MAX5083ATE Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5083ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com