Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5083ATE Datasheet HTML 1Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON/OFF to SGND..............................................-0.3V to +45V
LX to SGND .................................................-0.3V to (VIN + 0.3V)
BST to SGND ................................................-0.3V to (VIN + 12V)
BST to LX................................................................-0.3V to +12V
PGND to SGND .....................................................-0.3V to +0.3V
REG, DVREG, SYNC to SGND ...............................-0.3V to +12V
FB, COMP, SS to SGND ...........................-0.3V to (VREG + 0.3V)
C+ to PGND (MAX5082 only)................(VDVREG - 0.3V) to +12V
C- to PGND (MAX5082 only) ................-0.3V to (VDVREG + 0.3V)
Continuous current through internal power MOSFET (pins 11/12
connected together and pins 13/14 connected together)
TJ = +125°C.........................................................................3A
TJ = +150°C.........................................................................2A
Continuous Power Dissipation* (TA = +70°C)
16-Pin TQFN (derate 33.3mW/°C above +70°C) ...2666.7mW
16-Pin TQFN (
θJA)........................................................30°C/W
16-Pin TQFN (
θJC).......................................................1.7°C/W
Operating Temperature Range .........................-40oC to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = VON/OFF = 12V, VREG = VDVREG, VSYNC = PGND = SGND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = + 25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5082
4.5
40
Input Voltage Range
VIN
MAX5083
7.5
40
V
VIN rising, MAX5082
3.9
4.2
Undervoltage Lockout Threshold
UVLO
VIN rising, MAX5083
6.8
7.3
V
MAX5082
0.4
Undervoltage Lockout Hysteresis
UVLOHYST
MAX5083
0.7
V
VFB = 0V, MAX5082
10.5
Switching Supply Current (PWM
Operation)
ISW
VFB = 0V, MAX5083
9.5
mA
VIN = 12V, VOUT = 3.3V, IOUT = 1.5A
84
Efficiency
VIN = 4.5V, VOUT = 3.3V, IOUT = 1.5A
(MAX5082)
88
%
MAX5082
1.4
2.5
No-Load Supply Current
(PFM Operation)
MAX5083
1.3
2.3
mA
Shutdown Current
ISHDN
VON/OFF = 0V, VIN = 40V
200
300
µA
ON/
OFF CONTROL
Input Voltage Threshold
VON/OFF
VON/OFF rising
1.20
1.23
1.25
V
Input Voltage Hysteresis
0.12
V
Input Bias Current
VON/OFF = 0 to 40V
-250
+250
nA
ERROR AMPLIFIER/SOFT-START
Soft-Start Current
ISS
815
24
µA
Reference Voltage (Soft-Start)
VSS
1.215
1.228
1.240
V
FB Regulation Voltage
VFB
ICOMP = -500µA to +500µA
1.215
1.228
1.240
V
FB Input Range
0
1.5
V
FB Input Current
-250
+250
nA
COMP Voltage Range
ICOMP = -500µA to +500µA
0.25
4.50
V
Open-Loop Gain
80
dB
Unity-Gain Bandwidth
1.8
MHz
FB Offset Voltage
ICOMP = -500µA to +500µA
-5
+5
mV
*As per JEDEC 51 Standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com