Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5083ATE Datasheet HTML 1Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25°C, unless otherwise noted.)
UNDERVOLTAGE LOCKOUT HYSTERESIS
vs. TEMPERATURE (MAX5082)
TEMPERATURE (
°C )
110
85
35
60
10
-15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
135
UNDERVOLTAGE LOCKOUT HYSTERESIS
vs. TEMPERATURE (MAX5083)
TEMPERATURE (
°C )
110
85
35
60
10
-15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
135
ON/OFF THRESHOLD HYSTERESIS
vs. TEMPERATURE
TEMPERATURE (
°C )
110
85
60
35
10
-15
0.05
0.10
0.15
0.20
0
-40
135
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE (MAX5082)
INPUT VOLTAGE (V)
35
30
20
25
10
15
5
25
50
75
100
125
150
175
200
225
250
0
040
TA = +135
°C
TA = +25
°C
TA = +85
°C
TA = -40
°C
VON/OFF = 0V
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE (MAX5083)
INPUT VOLTAGE (V)
35
30
20
25
10
15
5
25
50
75
100
125
150
175
200
225
250
275
300
0
040
TA = +135
°C
TA = +25
°C
TA = +85
°C
TA = -40
°C
VON/OFF = 0V
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (MAX5082)
INPUT VOLTAGE (V)
35
30
5
10
15
20
25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
040
TA = +135
°C
TA = +25
°C
TA = +85
°C
TA = -40
°C
OPERATING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
35
60
10
-15
242
244
246
248
250
252
254
256
258
260
240
-40
135
VIN = 4.5V
VIN = 40V
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX5082)
INPUT VOLTAGE (V)
35
30
20
25
10
15
5
82
84
86
88
90
92
94
96
98
100
80
040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com