Electronic Components Datasheet Search
  English  ▼

X  

MAX5083ATE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5083ATE
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083ATE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5083ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 10Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 11Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 12Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 13Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 14Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 15Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 16Page - Maxim Integrated Products MAX5083ATE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
______________________________________________________________________________________
13
Pick a value for the feedback resistor R5 in Figure 3
(values between 1k
Ω and 10kΩ are adequate).
C7 is then calculated as:
fC occurs between fZ2 and fP2. The error-amplifier gain
(GEA) at fC is due primarily to C6 and R5. Therefore,
GEA(fC) = 2
π x fC x C6 x R5 and the modulator gain at
fC is:
Since GEA(fC) x GMOD(fC) = 1, C6 is calculated by:
fP2 is set at one-half the switching frequency (fSW). R6
is then calculated by:
Since R3 >> R6, R3 + R6 can be approximated as R3.
R3 is then calculated as:
fP3 is set at 5xfC. Therefore, C8 is calculated as:
Compensation When fC > fZESR
For larger ESR capacitors such as tantalum and alu-
minum electrolytic ones, fZESR can occur before fC. If
fZESR < fC, then fC occurs between fP2 and fP3. fZ1 and
fZ2 remain the same as before however, fP2 is now set
equal to fZESR. The output capacitor’s ESR zero fre-
quency is higher than fLC but lower than the closed-
loop crossover frequency. The equations that define
the error amplifier’s poles and zeroes (fZ1, fZ2, fP1, fP2,
and fP3) are the same as before. However, fP2 is now
lower than the closed-loop crossover frequency. Figure
4 shows the error amplifier feedback as well as its gain
response for circuits that use higher-ESR output capac-
itors (tantalum or aluminum electrolytic).
Pick a value for the feedback resistor R5 in Figure 4 (val-
ues between 1k
Ω and 10kΩ are adequate).
C7 is then calculated as:
The error amplifier gain between fP2 and fP3 is approxi-
mately equal to R5/R6 (given that R6 << R3). R6 can
then be calculated as:
C6 is then calculated as:
C
C
ESR
R
6
6
=
×
OUT
R
Rf
f
LC
C
6
510
2
2
××
C
1
fLC
7
20 8
5
=
××
×
π
.R
()
C
C
CR
f
8
7
27
5
1
=
××
×
π
P3
R
fC
3
1
26
××
π LC
.
R
Cf
6
1
26
0 5
=
××
×
π
SW
C
fL
C
RG
C
6
2
5
=
××
×
×
OUT
MOD(DC)
π
()
G
G
LC
fC
MOD(fC)
MOD(DC)
OUT
=
××
×
2 22
π
C
1
fLC
7
20 8
5
=
××
×
π
.R
GAIN
(dB)
VOUT
REF
R3
COMP
R6
R5
C6
R4
FREQUENCY
CLOSED-LOOP
GAIN
EA
GAIN
fZ1 fZ2
fC
fP2 fP3
C8
EA
C7
Figure 3. Error Amplifier Compensation Circuit (Closed-Loop
and Error-Amplifier Gain Plot) for Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com