Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC1035
Description  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 20Page - Texas Instruments AMC1035 Datasheet HTML 21Page - Texas Instruments AMC1035 Datasheet HTML 22Page - Texas Instruments AMC1035 Datasheet HTML 23Page - Texas Instruments AMC1035 Datasheet HTML 24Page - Texas Instruments AMC1035 Datasheet HTML 25Page - Texas Instruments AMC1035 Datasheet HTML 26Page - Texas Instruments AMC1035 Datasheet HTML 27Page - Texas Instruments AMC1035 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
0.1 …F 2.2 …F
GND1
3.3 V or 5 V
AINP
AINN
MCE
AMC1035
VDD
GND
DOUT
CLKIN
û Modulator
DATA
CLK
GND2
VISO
GND1
VCC
0.1 …F
0.1 …F
ISOW7821
10 …F
10 …F
SEL
EN1
GND2
3.3 V
SN6501
0.1 …F
10 …F
GND2
GND1
20 V
20 V
10 …F
0.1 …F
TLV70450
GND
GND1
0.1 …F
2.2 …F
GND2
VDD2
VDD1
AINP
AINN
MCE
AMC1035
VDD
GND
DOUT
CLKIN
û Modulator
GND1
DATA
CLK
GND1
VDD1
GND2
VDD2
0.1 …F
GND1
0.1 …F
IN
OUT
10 …F
D1
D2
VCC
GND
ISO7721
AINP
AINN
MCE
AMC1035
R3
R2
R1
VDD
GND
3.0 V to 3.6 V
C1
0.1 F
C2
2.2 F
SD-Cx
SD-Dx
TMS320F2837x
PWMx
DOUT
CLKIN
û Modulator
Phase X
optional
anti-aliasing filter
24
AMC1035
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
9 Power Supply Recommendations
For decoupling of the power supply, a 0.1-µF capacitor is recommended to be placed as close to the VDD pin of
the AMC1035 as possible, as shown in Figure 48, followed by an additional capacitor in the range of 1 µF to
10 µF.
Figure 48. Decoupling the AMC1035
Safety considerations or high common-mode voltage levels may require the AMC1035 to be galvanically isolated
from other parts of the system. Figure 49 shows an example of a circuit that uses the ISO7721 to isolate the
signal path and the SN6501 and a transformer to generate the required isolated power.
Figure 49. Galvanic Isolation of the AMC1035
Figure 50 shows an alternative solution that uses the ISOW7821 to isolate the signal path and provide the
isolated power supply for the AMC1035.
Figure 50. Galvanic Isolation of the AMC1035 for PCB Space-Constrained Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com