Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1035
Description  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 7Page - Texas Instruments AMC1035 Datasheet HTML 8Page - Texas Instruments AMC1035 Datasheet HTML 9Page - Texas Instruments AMC1035 Datasheet HTML 10Page - Texas Instruments AMC1035 Datasheet HTML 11Page - Texas Instruments AMC1035 Datasheet HTML 12Page - Texas Instruments AMC1035 Datasheet HTML 13Page - Texas Instruments AMC1035 Datasheet HTML 14Page - Texas Instruments AMC1035 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
VDD (V)
3
3.5
4
4.5
5
5.5
77
81
85
89
93
97
101
105
109
D022
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
77
81
85
89
93
97
101
105
109
D023
fIN (kHz)
0.1
1
10
-104
-100
-96
-92
-88
-84
-80
-76
D020
VIN (Vpp)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-104
-100
-96
-92
-88
-84
-80
-76
D021
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-104
-100
-96
-92
-88
-84
-80
-76
D018
fCLKIN (MHz)
9
11
13
15
17
19
21
-104
-100
-96
-92
-88
-84
-80
-76
D019
MCE = 0
MCE = 1
11
AMC1035
www.ti.com
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD = 3.3 V, AINP = –1 V to 1 V, AINN = GND, fCLKIN = 20 MHz, MCE = 0, and sinc
3 filter with OSR = 256 (unless
otherwise noted)
Figure 21. Total Harmonic Distortion vs Temperature
Figure 22. Total Harmonic Distortion vs Clock Frequency
Figure 23. Total Harmonic Distortion vs
Input Signal Frequency
Figure 24. Total Harmonic Distortion vs
Input Signal Amplitude
Figure 25. Spurious-Free Dynamic Range vs Supply Voltage
Figure 26. Spurious-Free Dynamic Range vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com