Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC1035
Description  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 3Page - Texas Instruments AMC1035 Datasheet HTML 4Page - Texas Instruments AMC1035 Datasheet HTML 5Page - Texas Instruments AMC1035 Datasheet HTML 6Page - Texas Instruments AMC1035 Datasheet HTML 7Page - Texas Instruments AMC1035 Datasheet HTML 8Page - Texas Instruments AMC1035 Datasheet HTML 9Page - Texas Instruments AMC1035 Datasheet HTML 10Page - Texas Instruments AMC1035 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CLKIN
DOUT
Bitstream not valid (analog settling)
VDD
...
Valid bitstream
tASTART
CLKIN
DOUT
(MCE = 0)
tCLKIN
tHIGH
tLOW
tD1
tH1
tr / tf
DOUT
(MCE = 1)
tD2
tr / tf
tD3
tH2
tH3
7
AMC1035
www.ti.com
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
(1)
The duty cycle of DOUT equals the clock duty cycle of the applied CLKIN signal.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKIN
CLKIN clock frequency
MCE = 0
9
20
21
MHz
MCE = 1
9
10
11
DutyCycle
CLKIN clock duty cycle(1)
40%
50%
60%
tH1
DOUT hold time after rising edge of CLKIN
MCE = 0, CLOAD = 15 pF
6
ns
tH2
DOUT hold time after rising edge of CLKIN
MCE = 1, CLOAD = 15 pF
6
23
ns
tH3
DOUT hold time after falling edge of CLKIN
MCE = 1, CLOAD = 15 pF
10
26
ns
tD1
Rising edge of CLKIN to DOUT valid delay
MCE = 0, CLOAD = 15 pF
25
ns
tD2
Rising edge of CLKIN to DOUT valid delay
MCE = 1, CLOAD = 15 pF
11
27
ns
tD3
Falling edge of CLKIN to DOUT valid delay
MCE = 1, CLOAD = 15 pF
15
30
ns
tr
DOUT rise time
10% to 90%, 3.0 V
≤ VDD ≤ 3.6 V,
CLOAD = 15 pF
2.5
5
ns
10% to 90%, 4.5 V
≤ VDD ≤ 5.5 V,
CLOAD = 15 pF
1.5
3.5
tf
DOUT fall time
90% to 10%, 3.0 V
≤ VDD ≤ 3.6 V,
CLOAD = 15 pF
2.5
5.8
ns
90% to 10%, 4.5 V
≤ VDD ≤ 5.5 V,
CLOAD = 15 pF
1.8
4.4
tASTART
Analog startup time
VDD step to 3.0 V, 0.1% settling,
CLKIN applied
0.25
ms
Figure 1. Digital Interface Timing
Figure 2. Device Startup Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com