Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1035
Description  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 9Page - Texas Instruments AMC1035 Datasheet HTML 10Page - Texas Instruments AMC1035 Datasheet HTML 11Page - Texas Instruments AMC1035 Datasheet HTML 12Page - Texas Instruments AMC1035 Datasheet HTML 13Page - Texas Instruments AMC1035 Datasheet HTML 14Page - Texas Instruments AMC1035 Datasheet HTML 15Page - Texas Instruments AMC1035 Datasheet HTML 16Page - Texas Instruments AMC1035 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3
4
5
6
7
8
9
10
11
D033
MCE = 0
MCE = 1
fCLKIN (MHz)
9
11
13
15
17
19
21
3
4
5
6
7
8
9
10
11
D034
MCE = 1
MCE = 0
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
D030
Device 1
Device 2
Device 3
VDD (V)
3
3.5
4
4.5
5
5.5
3
4
5
6
7
8
9
10
11
D032
MCE = 0
MCE = 1
13
AMC1035
www.ti.com
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD = 3.3 V, AINP = –1 V to 1 V, AINN = GND, fCLKIN = 20 MHz, MCE = 0, and sinc
3 filter with OSR = 256 (unless
otherwise noted)
Figure 33. Reference Output Voltage vs Temperature
Figure 34. Supply Current vs Supply Voltage
Figure 35. Supply Current vs Temperature
Figure 36. Supply Current vs Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com