Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC1035
Description  AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 8Page - Texas Instruments AMC1035 Datasheet HTML 9Page - Texas Instruments AMC1035 Datasheet HTML 10Page - Texas Instruments AMC1035 Datasheet HTML 11Page - Texas Instruments AMC1035 Datasheet HTML 12Page - Texas Instruments AMC1035 Datasheet HTML 13Page - Texas Instruments AMC1035 Datasheet HTML 14Page - Texas Instruments AMC1035 Datasheet HTML 15Page - Texas Instruments AMC1035 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D028
VDD (V)
3
3.5
4
4.5
5
5.5
2.495
2.497
2.499
2.501
2.503
2.505
D029
VIN (Vpp)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
77
81
85
89
93
97
101
105
109
D026
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D027
fCLKIN (MHz)
9
11
13
15
17
19
21
77
81
85
89
93
97
101
105
109
D024
MCE = 0
MCE = 1
fIN (kHz)
0.1
1
10
77
81
85
89
93
97
101
105
109
D025
12
AMC1035
SBAS837B – AUGUST 2018 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1035
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD = 3.3 V, AINP = –1 V to 1 V, AINN = GND, fCLKIN = 20 MHz, MCE = 0, and sinc
3 filter with OSR = 256 (unless
otherwise noted)
Figure 27. Spurious-Free Dynamic Range vs
Clock Frequency
Figure 28. Spurious-Free Dynamic Range vs
Input Signal Frequency
Figure 29. Spurious-Free Dynamic Range vs
Input Signal Amplitude
4096-point FFT, VIN = 2 VPP
Figure 30. Frequency Spectrum With 1-kHz Input Signal
4096-point FFT, VIN = 2 VPP
Figure 31. Frequency Spectrum With 5-kHz Input Signal
Figure 32. Reference Output Voltage vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com